Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G936T72B Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G936T72B
Description  3.6V 500mA/400mA Low Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G936T72B Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G936T72B Datasheet HTML 1Page - Global Mixed-mode Technology Inc G936T72B Datasheet HTML 2Page - Global Mixed-mode Technology Inc G936T72B Datasheet HTML 3Page - Global Mixed-mode Technology Inc G936T72B Datasheet HTML 4Page - Global Mixed-mode Technology Inc G936T72B Datasheet HTML 5Page - Global Mixed-mode Technology Inc G936T72B Datasheet HTML 6Page - Global Mixed-mode Technology Inc G936T72B Datasheet HTML 7Page - Global Mixed-mode Technology Inc G936T72B Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Ver: 1.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G936
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V , CIN=1µF, COUT =10µF, TA=25°C , unless otherwise noted.)
Ch1: Vin (offset=5.00V)
Ch1: Iout (400mA/div)
Ch2: Vout (offset=3.600V)
Ch2: Vout (offset=3.600V)
Iout=100mA
Ground Current vs. Load Current
Line Transient
Load Transient
Output Voltage vs. Load Current
Dropout Voltage vs. Load Current
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
0
100
200
300
400
500
Load Current (mA)
3.58
3.59
3.60
3.61
3.62
3.63
3.64
3.65
3.66
0
100
200
300
400
500
Load Current (mA)
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.20
0
100
200
300
400
500
Load Current (mA)


Similar Part No. - G936T72B

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
G93-016-210-AGGM-H MITSUMI-G93-016-210-AGGM-H Datasheet
60Kb / 2P
   Interface Connectors for Cradle
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
G930 GMT-G930 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
G930T21B GMT-G930T21B Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
G930T21T GMT-G930T21T Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
More results

Similar Description - G936T72B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113 Datasheet
364Kb / 16P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930_07 Datasheet
142Kb / 5P
   3.5V 400mA Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com