Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMS82524 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS82524
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82524 Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS82524 Datasheet HTML 1Page - Hynix Semiconductor GMS82524 Datasheet HTML 2Page - Hynix Semiconductor GMS82524 Datasheet HTML 3Page - Hynix Semiconductor GMS82524 Datasheet HTML 4Page - Hynix Semiconductor GMS82524 Datasheet HTML 5Page - Hynix Semiconductor GMS82524 Datasheet HTML 6Page - Hynix Semiconductor GMS82524 Datasheet HTML 7Page - Hynix Semiconductor GMS82524 Datasheet HTML 8Page - Hynix Semiconductor GMS82524 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
HYUNDAI MicroElectronics
GMS82512/16/24
FEB. 2000 Ver 1.00
1
GMS82512/16/24
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH A/D CONVERTER
1. OVERVIEW
1.1 Description
The GMS82512/16/24 are advanced CMOS 8-bit microcontrollers with 12K/16K/24K bytes of ROM. The device is one of
GMS800 family. This device using the GMS800 family CPU includes several peripheral functions such as Timer, A/D con-
verter, Programmable buzzer driver, etc. The RAM, ROM, and I/O are placed on the same memory map in addition to simple
instruction set.
1.2 Features
• 12K/16K/24K Bytes On-chip Program Memory
• 448 Bytes of On-chip Data RAM
(Included stack memory)
• Minimum Instruction Execution Time
0.5
µµµµs at 8MHz
• One 8-bit Basic Interval Timer
• Four 8-bit Timer/Event counter
or Two 16-bit Timer/Event counter
• One 6-bit Watchdog timer
• Four channel 8-bit A/D converter
• Four External Interrupt input ports
• Buzzer Driving port
- 500Hz ~ 250kHz@8MHz
• 35 I/O Ports
• Eleven Interrupt sources
- Basic Interval Timer: 1
- External input: 4
- Timer/Event counter: 4
- ADC: 1
- WDT: 1
• Built in Noise Immunity Circuit
- Noise filter
- Power fail processor
•Power Down Mode
- STOP mode
• 2.2V to 5.5V Wide Operating Range
• 1~10MHz Wide Operating Frequency
• 42SDIP, 44QFP package types
• Available 24K bytes OTP version
Device name
ROM Size
RAM Size
OTP
Package
GMS82512
12K bytes
448 bytes
GMS82524T
42SDIP, 44QFP
GMS82516
16K bytes
448 bytes
GMS82524T
GMS82524
24K bytes
448 bytes
GMS82524T


Similar Part No. - GMS82524

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS82524K HYNIX-GMS82524K Datasheet
1Mb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS82524Q HYNIX-GMS82524Q Datasheet
1Mb / 110P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS82524

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com