Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2Y0A02 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2Y0A02
Description  LONG DISTANCE MEASURING SENSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0A02 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2Y0A02 Datasheet HTML 1Page - Sharp Corporation GP2Y0A02 Datasheet HTML 2Page - Sharp Corporation GP2Y0A02 Datasheet HTML 3Page - Sharp Corporation GP2Y0A02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2Y0A02YK
Fig.3 Analog Output Voltage vs. Distance to
Reflective Object
0
1
2
0.5
1.5
3
2.5
0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150
Distance to reflective object L (cm)
White Reflectivity:90%
Gray Reflectivity:18%


Similar Part No. - GP2Y0A02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
   Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
More results

Similar Description - GP2Y0A02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
   DISTANCE MEASURING SENSOR
GP2Y0A51SK0F SHARP-GP2Y0A51SK0F Datasheet
966Kb / 8P
   Distance Measuring Sensor Unit
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
   Distance Measuring Sensor Unit
GP2Y0E03 SHARP-GP2Y0E03 Datasheet
743Kb / 11P
   Distance Measuring Sensor Unit
GP2D150A SHARP-GP2D150A Datasheet
47Kb / 4P
   General Purpose Distance Measuring Sensor
logo
Omron Electronics LLC
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
logo
Sharp Corporation
GP2D02 SHARP-GP2D02 Datasheet
49Kb / 4P
   Compact, High Sensitive Distance Measuring Sensor
logo
Omron Electronics LLC
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com