Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPS140HR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GPS140HR
Description  GPS Positioning Module
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GPS140HR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GPS140HR Datasheet HTML 4Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 5Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 6Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 7Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 8Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 9Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 10Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 11Page - List of Unclassifed Manufacturers GPS140HR Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
GPS140HR
8
RTD Embedded Technologies, Inc.
Chapter 1
- INTRODUCTION
This user’s manual describes the operation of the RTD GPS140HR integrated global
positioning system (GPS) positioning module ideal for mobile, marine, aviation and
automotive applications.
Features
Some of the key features of the GPS140HR include:
Direct connection to GPS Receiver module
True NMEA -0183 data protocol version 2.01, also binary output
12-satellite parallel tracking GPS receiver with fast response
Differential GPS support with external correction source
Onboard UART with flexible I/O and IRQ selection
Supports passive and active antennas with +5V or +12V supply
OSX/MSX antenna connector
1 PPS time mark output as well as 10KHz clock
Backup battery to store GPS receiver data while powered off
Status LED indicating 1 PPS time mark and GPS activity
Wide operating temperature range –40 to + 85C
Fully PC/104 compliant
The following paragraphs briefly describe the major features of the GPS140HR. A more
detailed discussion is included in Chapter 4 (Hardware description) The boards
installation is described in Chapter 2 (Board Installation).
GPS receiver
The GPS140HR Global Positioning System (GPS) board uses for the satellite signal
reception data processing a miniature OEM GPS receiver module specially
designed for the most demanding applications. This low power receiver outputs
ASCII-character based NMEA-0183 data protocol or alternatively a binary message
protocol format. The used data protocol can be selected with a jumper. Special
features of the GPS receiver include 12 channel parallel-tracking channels and a fast
acquisition and reacquisition response. Powerful algorithms ensure reliable
operation in dense vegetation or in urban canyon environments.


Similar Part No. - GPS140HR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPS100 ETC2-GPS100 Datasheet
103Kb / 4P
   GPS Receiver
logo
NXP Semiconductors
GPS1502L NXP-GPS1502L Datasheet
195Kb / 15P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
GPS1502LX NXP-GPS1502LX Datasheet
195Kb / 15P
   SiGe:C low-noise amplifier MMIC for GPS, GLONASS, Galileo and COMPASS
Rev. 5 ??22 March 2019
logo
Laird Tech Smart Techno...
GPS16412 LSTD-GPS16412 Datasheet
904Kb / 1P
   Phantom Low Profile Dual Band
logo
List of Unclassifed Man...
GPS170TS-EPE ETC-GPS170TS-EPE Datasheet
321Kb / 3P
   SURFACE MOUNT LED LAMPS
More results

Similar Description - GPS140HR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIM-LR ETC2-TIM-LR Datasheet
68Kb / 2P
   Dead Reckoning GPS Receiver Module ANTARIS Positioning Engine
logo
Quectel Wireless Soluti...
L70 QUECTEL-L70 Datasheet
1Mb / 2P
   Compact GPS Module Ultra Low Consumption Fast Positioning
logo
NXP Semiconductors
SAA1575HL PHILIPS-SAA1575HL Datasheet
744Kb / 56P
   Global Positioning System GPS baseband processor
1999 Jun 04
logo
Mitsubishi Electric Sem...
QD70 MITSUBISHI-QD70 Datasheet
3Mb / 242P
   Type QD70 Positioning Module
logo
NXP Semiconductors
UAA1570HL PHILIPS-UAA1570HL Datasheet
890Kb / 76P
   Global Positioning System GPS front-end receiver circuit
1999 May 10
logo
List of Unclassifed Man...
FGPMMOPA6B ETC-FGPMMOPA6B Datasheet
1Mb / 33P
   GPS Module
GMM-U1 ETC-GMM-U1 Datasheet
1Mb / 36P
   GPS Module
ITRAX02 ETC2-ITRAX02 Datasheet
871Kb / 2P
   GPS RECEIVER MODULE
TIM-LC ETC2-TIM-LC Datasheet
510Kb / 15P
   GPS Receiver Module
MG-ST01 ETC2-MG-ST01 Datasheet
254Kb / 9P
   SkyTraq GPS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com