Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7110-ATB5T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GM7110-ATB5T
Description  1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM7110-ATB5T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GM7110-ATB5T Datasheet HTML 2Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 5Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 6Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 7Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 8Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 9Page - List of Unclassifed Manufacturers GM7110-ATB5T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
TEST CIRCUIT AND LAYOUT GUIDELINES
Careful layout is important with any switching regulator. Rapidly switching currents associated with wiring
inductance generate voltage transients, which can cause problems. To minimize inductance and ground loops,
the lengths of the leads indicated by heavy lines in Figure 1 below should be kept as short as possible. Single-
point grounding (as indicated in Figure 1) or ground plane construction should be used for best results. When
using the Adjustable version, place the programming resistors as close as possible to GM7110, to keep the
sensitive feedback wiring short.
V
IN
Unregulated
DC Input
+V
IN
1
+
C
IN
GND 3
5
2
Output
4
Feedback
L1
D1
MBR360
C
OUT
V
OUT
GM 7110
FIXED OUTPUT
+
ON/OFF
L
O
A
D
Figure 1(a). Fixed Output Voltage Versions
C - 100 µF, 75V, Aluminum Electrolytic
IN
C
- 330 µF, 25V, Aluminum Electrolytic
OUT
D1 - Schottky, MBR360
L1 - 330 µH,
R1 - 2k, 0.1%
R2 - 6.12k, 0.1%
3L Electronic Corp. TC-331M-1.0A- 5026
330 µH
330 µF
100 µF
A
A
MICROELECTRONICS
GM7110
Power Management
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR


Similar Part No. - GM7110-ATB5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110-ATB5T GAMMA-GM7110-ATB5T Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - GM7110-ATB5T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com