Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE599 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE599
Description  Silicon Rectifier Ultra Fast, 200V, 15A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE599 Datasheet(HTML) 1 Page - NTE Electronics

  NTE599 Datasheet HTML 1Page - NTE Electronics NTE599 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE599
Silicon Rectifier
Ultra Fast, 200V, 15A
Description:
The NTE599 is a silicon rectifier in a 2–Lead TO220 type package designed for use in switching power
supplies, inverters and as free wheeling diodes.
Features:
D Ultrafast 35ns Recovery Time
D 175°C Operating Junction Temperature
D Popular TO220 Package
D Voltage Capacity to 200V
D Low Forward Voltage Drop
D Low Leakage Current Specified at TC = +150°C
D Current Derating Specified at Both Case and Ambient Temperature
Absolute Maximum Ratings;
Peak Repetitive Reverse Voltage, VRRM
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Working Peak Reverse Voltage, VRWM
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Blocking Voltage, VR
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Rectified Forward Current (TC = +150°C), IF(AV)
15A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Repetitive Forward Current (Square Wave, 20kHz, TC = +150°C), IFM
30A
. . . . . . . . . . . . . . .
Non–Repetitive Peak Surge Current, IFSM
(Surge applied at rated load conditions halfwave, single phase, 60Hz)
200A
. . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Case, RthJC
1.5
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics:
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Instantaneous Forward Voltage
VF
iF = 15A, TC = +150°C, Note 1
0.85
V
iF = 15A, TC = +25°C, Note 1
1.05
V
Instantaneous Reverse Current
iR
VR = 200V, TC = +150°C, Note 1
500
µA
VR = 200V, TC = +25°C, Note 1
10
µA
Reverse Recovery Time
trr
IF = 1A, di/dt = 50A/µs
35
ns
Note 1. Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%


Similar Part No. - NTE599

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5990 NTE-NTE5990 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5991 NTE-NTE5991 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5992 NTE-NTE5992 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5993 NTE-NTE5993 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE5994 NTE-NTE5994 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
More results

Similar Description - NTE599

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE597 NTE-NTE597 Datasheet
18Kb / 2P
   Silicon Rectifier Ultra Fast, 200V, 8A
logo
Silicon Supplies
MURC1520 SS-MURC1520 Datasheet
1Mb / 4P
   200V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
Taiwan Semiconductor Co...
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
   4A, 200V - 600V Ultra Fast Rectifier
logo
Mospec Semiconductor
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
logo
Taiwan Semiconductor Co...
UG2D TSC-UG2D_15 Datasheet
350Kb / 4P
   2A, 200V Glass Passivated Ultra Fast Rectifier
ES1DV TSC-ES1DV Datasheet
194Kb / 4P
   1A, 200V Surface Mount Ultra Fast Rectifier
logo
Shindengen Electric Mfg...
D15LC20U SHINDENGEN-D15LC20U Datasheet
457Kb / 7P
   Super Fast Recovery Rectifiers(200V 15A)
logo
Taiwan Semiconductor Co...
ES3DV TSC-ES3DV Datasheet
291Kb / 6P
   3A, 200V Surface Mount Ultra Fast Rectifier
logo
NTE Electronics
NTE588 NTE-NTE588 Datasheet
15Kb / 1P
   Silicon Diode 200V, 3A, Ultra Fast Switch
NTE619 NTE-NTE619 Datasheet
16Kb / 1P
   Silicon Rectifier, Ultra Fast
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com