Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM32RR71H105KA01K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GRM32RR71H105KA01K
Description  Monolithic Ceramic Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRM32RR71H105KA01K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GRM32RR71H105KA01K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. Export Control
<For customers outside Japan>
Murata products should not be used or sold for use in the development, production, stockpiling or utilization of any conventional weapons or mass-destructive
weapons (nuclear weapons, chemical or biological weapons, or missiles), or any other weapons.
<For customers in Japan>
For products which are controlled items subject to the “Foreign Exchange and Foreign Trade Law” of Japan, the export license specified by the law is required
for export.
2. Please contact our sales representatives or product engineers before using the products in this data sheet for the applications listed below, which require
especially high reliability for the prevention of defects which might directly damage to a third party's life, body or property, or when one of our products is
intended for use in applications other than those specified in this data sheet.
q Aircraft equipment
w Aerospace equipment
e Undersea equipment
r Power plant equipment
t Medical equipment
y Transportation equipment (vehicles, trains, ships, etc.)
u Traffic signal equipment
i Disaster prevention / crime prevention equipment
o Data-processing equipment
!0 Application of similar complexity and/or reliability requirements to the applications listed in the above
3. They are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers
before ordering. If there are any questions, please contact our sales representatives or product engineers.
4. This data sheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or
transact the approval sheet for product specifications before ordering. Especially, please read rating and !CAUTION (for storage, operating, rating, soldering,
mounting and handling) in them to prevent smoking and/or burning, etc.
5. You are able to read a detailed specification in the website of Search Engine (http://search.murata.co.jp/) or catalog library (http://www.murata.com/catalog/)
before to require our product specification or to transact the approval sheet for product specification.
6. Please note that unless otherwise specified, we shall assume no responsibility whatsoever for any conflict or dispute that may occur in connection with the effect
of our and/or a third party's intellectual property rights and other related rights in consideration of your use of our products and/or information described or
contained in our data sheets. In this connection, no representation shall be made to the effect that any third parties are authorized to use the right mentioned
above under licenses without our consent.
7. No ozone depleting substances (ODS) under the Montreal Protocol are used in our manufacturing process.
2004.11.24
Capacitors > Monolithic Ceramic Capacitors > Soldering Electrode GRM32/43/55
o
This data sheet is applied for CHIP MONOLITHIC CERAMIC CAPACITOR used for General Electronics equipment for your design.
<Notice>
o
L
W
(in mm)
e
e
g
Solderability of Tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the Tin
melting point is used. Please confirm the solderability of Tin plating termination chip before use.
Monolithic Ceramic Capacitors
p: packaging code
GRM32RR71H105KA01p (1210, X7R, 1.0
µF, 50Vdc)
I Dimensions
Length L
3.20mm
±0.30mm
Width W
2.50mm
±0.20mm
Thickness T
1.80mm
±0.20mm
Electrode e (min.)
0.30mm
Electrode Gap g (min.)
1.00mm
I Rated Value
TC Code
R7
TC Code (Standard)
X7R (EIA)
Capacitance Change
±15%
Capacitance
1.0
µF±10%
Rated Voltage
50Vdc
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Plastic Tape
1000
K
330mm Plastic Tape
4000
B
Bulk(Bag)
1000
I Specifications
Please refer to 'Specification' PDF file.


Similar Part No. - GRM32RR71H105KA01K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GRM32RR71H105KA01K NXP-GRM32RR71H105KA01K Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
GRM32RR71H105KA01K NXP-GRM32RR71H105KA01K Datasheet
393Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 11/2009
More results

Similar Description - GRM32RR71H105KA01K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM033R71C471KD01D MURATA-GRM033R71C471KD01D Datasheet
21Kb / 1P
   Monolithic Ceramic Capacitors
GCM155R71C104KA55D MURATA-GCM155R71C104KA55D Datasheet
19Kb / 1P
   Monolithic Ceramic Capacitors
logo
List of Unclassifed Man...
GRM32ER61C226KE20 ETC-GRM32ER61C226KE20 Datasheet
21Kb / 1P
   Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM033R60J104KE19D MURATA-GRM033R60J104KE19D Datasheet
22Kb / 1P
   Monolithic Ceramic Capacitors
GRM155R11H102KA01D MURATA-GRM155R11H102KA01D Datasheet
22Kb / 1P
   Monolithic Ceramic Capacitors
GNM1M2R61A105ME19 MURATA-GNM1M2R61A105ME19 Datasheet
22Kb / 1P
   Monolithic Ceramic Capacitors
logo
List of Unclassifed Man...
GRM219E41H104MA01 ETC1-GRM219E41H104MA01 Datasheet
21Kb / 1P
   Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM31MF51C106ZA12 MURATA-GRM31MF51C106ZA12 Datasheet
22Kb / 1P
   Monolithic Ceramic Capacitors
GRM1555C1H120JZ01D MURATA-GRM1555C1H120JZ01D Datasheet
19Kb / 1P
   Monolithic Ceramic Capacitors
logo
List of Unclassifed Man...
GRM1885C1H101JA01 ETC-GRM1885C1H101JA01 Datasheet
21Kb / 1P
   Monolithic Ceramic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com