Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS9005A Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9005A
Description  Serial Digital Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005A Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9005A Datasheet HTML 4Page - Gennum Corporation GS9005A Datasheet HTML 5Page - Gennum Corporation GS9005A Datasheet HTML 6Page - Gennum Corporation GS9005A Datasheet HTML 7Page - Gennum Corporation GS9005A Datasheet HTML 8Page - Gennum Corporation GS9005A Datasheet HTML 9Page - Gennum Corporation GS9005A Datasheet HTML 10Page - Gennum Corporation GS9005A Datasheet HTML 11Page - Gennum Corporation GS9005A Datasheet HTML 12Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
520 - 28 - 11
TEST SETUP
Figure 16 shows a typical circuit for the GS9005A using a +5
volt supply. The four 0.1
µF decoupling capacitors must be
placed as close as possible to the corresponding V
CC
pins.
The loop voltage can be conveniently measured across the
10nF capacitor in the loop filter. Tuning procedures are
described in the Temperature Compensation Section
(page 11). The fixed value frequency setting resistors should
be placed close to the corresponding pins on the GS9005A.
The layout of the loop filter and RVCO components requires
careful attention. This has been detailed in an application
note entitled "Optimizing Circuit and Layout Design of the
GS9005A/15A", Document No. 521 - 32 - 00.
When the Direct Digital Inputs are not used, one of these
inputs should be connected to V
CC
to avoid picking up noise
and unwanted signals.
The Carrier Detect is an open-collector active high output
requiring a pull-up resistor of approximately 10 k
Ω.
The SS0, SS1, CD pins should see a low AC impedance. This
is particularly important when driving the SS0, SS1 pins with
external logic. The use of 1 nF decoupling capacitors at these
pins ensures this.
Figure 17 shows the GS9005A connections when using a -5
volt supply.
Fig.16 GS9005A Typical Test Circuit Using +5V Supply
+
ECL
DATA
INPUTS
0.1
µ
100
100
100
100
390
390
DATA
DATA
CLOCK
CLOCK
390
390
0.1
µ
10
µ
0.1
µ
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1 28 27 26
12 13 14 15 16 17 18
910
22n
75
113
75
47p
5.6p
10n
+5V
÷1
÷2
0.1
µ
47p
0.1
µ
10k
CARRIER
DETECT
OUTPUT
See Figure 18
+5V
+5V
+5V
+5V
INPUT
GS9005A
DD
I
DD
I
VCC2
SD
I
SD
I
ƒ/2
VEE3
SDO
SDO
SCO
SCO
SS1
SS0
CD
SSI
STAR
ROUTED
LOOP
VOLTAGE
TEST
POINT
ANALOG
+5V
DIGITAL
All resistors in ohms, all capacitors in microfarads, all inductors in henries unless otherwise stated.


Similar Part No. - GS9005A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9005B GENNUM-GS9005B Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJ GENNUM-GS9005BCPJ Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
GS9005BCPJ GENNUM-GS9005BCPJ Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results

Similar Description - GS9005A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com