Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7110-ATA5R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GM7110-ATA5R
Description  1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM7110-ATA5R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GM7110-ATA5R Datasheet HTML 1Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM7110-ATA5R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ELECTRICAL CHARACTERISTICS: GM7110-3.3
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage
Efficiency
V = 12V, I
= 0.2A
IN
LOAD
V = 12V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
3.234
3.168/3.135
-
3.3
3.3
75
3.366
3.432/3.465
-
V
%
V
4.75V V
40V, 0.2A I
1A
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage
Efficiency
V = 12V, I
= 0.2A
L
IN
OAD
V = 12V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
4.900
4.800/4.750
-
5.0
5.0
77
5.100
5.200/5.250
-
V
%
V
ELECTRICAL CHARACTERISTICS: GM7110-5.0
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
8V V
40V, 0.2A I
1A
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Output Voltage
Output Voltage
Efficiency
V = 25V, I
= 0.2A
IN
LOAD
V = 15V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
11.76
11.52/11.40
-
12.0
12.0
88
12.24
12.48/12.60
-
V
%
V
ELECTRICAL CHARACTERISTICS: GM7110-12
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
15V V
40V, 0.2A I
1A
IN
LOAD
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Feedback Voltage
Feedback Voltage
Efficiency
V = 30V, I
= 0.2A
IN
LOAD
V = 18V, I
= 1A
IN
LOAD
V
OUT
V
OUT
h
14.70
14.40/14.25
-
15.0
15.0
88
15.30
15.60/15.75
-
V
%
V
ELECTRICAL CHARACTERISTICS: GM7110-15
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
18V V
40V, 0.2A I
1A
IN
LOAD
ELECTRICAL CHARACTERISTICS: GM7110-ADJ
(Specifications with standard type face are for T = 25°C, and those with boldface type apply over full Operating Temperature Range)
J
Conditions
Symbol
Min
Typ
Max
Unit
V = 12V, I
= 0.2A, V
= 5V
IN
LOAD
OUT
V = 12V, I
= 1.0A,
=5V
IN
LOAD
V
OUT
V
OUT
V
OUT
h
1.217
1.193/1.180
-
1.230
1.230
77
1.243
1.267/1.280
-
V
%
V
Parameter
Feedback Voltage
Feedback Voltage
Efficiency
8V V
40V, 0.2A I
1A
IN
LOAD
V
= 5V
OUT
A
A
MICROELECTRONICS
GM7110
Power Management
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR


Similar Part No. - GM7110-ATA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110-ATA5R GAMMA-GM7110-ATA5R Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - GM7110-ATA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com