Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7110-3.3TA5R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GM7110-3.3TA5R
Description  1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM7110-3.3TA5R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GM7110-3.3TA5R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 8Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 9Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 10Page - List of Unclassifed Manufacturers GM7110-3.3TA5R Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
C
G
10
TO-252-5 PACKAGE OUTLINE DIMENSIONS
Pad Layout
0.244
6.20
0.228
5.80
0.118
3.0
0.063
1.6
0.243
6.172
0.33
8.38
0.101
2.58
Inches
mm
(
)
TO-220-5B PACKAGE OUTLINE DIMENSIONS
0.4
10.16
± 0.006
± 0.15
Inches
mm
(
)
0.151 ± 0.002
3.84 ± 0.05
0.108
0.74
± 0.006
± 0.15
0.4985 ± 0.0075
12.66 ± 0.2
0.268
0.68
± 0.004
± 0.1
0.032
0.81
± 0.004
± 0.1
0.213 ± 0.004
5.4 ± 0.1
0.138 ± 0.004
3.5 ± 0.1
0.153 ± 0.0035
3.9 ± 0.1
0.220
1.700
0.18 ± 0.004
4.57 ± 0.1
0.05 ± 0.005
1.27 ± 0.1
0.05 ± 0.005
1.27 ± 0.1
0.358 ± 0.008
9.1± 0.2
0.965 ± 0.008
24.5 ± 0.2
0.996 ± 0.008
25.3± 0.2
0.105 ± 0.006
2.76± 0.17
0.173 ± 0.006
4.4 ± 0.15
0.331 ± 0.006
8.4 ± 0.15
0.017 ± 0.005
0.42 ± 0.11
29° ± 0.5°
0.256 ± 0.004
6.5 ± 0.1
0.212 ± 0.003
5.375 ± 0.075
0.024 Ref
0.600 Ref
0.24 ± 0.004
6.10 ± 0.1
0.2835 ± 0.0035
7.20 ± 0.1
0.0235 ± 0.0015
0.60 ± 0.025
0.050BSC
1.270BSC
0.025 ± 0.002
0.64 ± 0.05
0.039 ± 0.002
1.0 ± 0.05
0.02 ± 0.001
0.51 ± 0.02
0.06 ± 0.004
1.525 ± 0.1
0.39 ± 0.008
9.9 ± 0.2
0.003 ± 0.002
0.07 ± 0.05
0.091 ± 0.002
2.3 ± 0.05
Inches
mm
(
)
A
A
MICROELECTRONICS
GM7110
Power Management
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR


Similar Part No. - GM7110-3.3TA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110-3.3TA5R GAMMA-GM7110-3.3TA5R Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results

Similar Description - GM7110-3.3TA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com