Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE60 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE60
Description  Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE60 Datasheet(HTML) 1 Page - NTE Electronics

  NTE60 Datasheet HTML 1Page - NTE Electronics NTE60 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE60 (NPN) & NTE61 (PNP)
Silicon Complementary Transistors
High Power Audio, Disk Head Positioner
for Linear Applications
Description:
The NTE60 (NPN) and NTE61 (PNP) are complementary silicon power transistors in a TO3 type
package designed for high power audio, disk head positioners, and other linear applications.
Features:
D High Safe Operating Area: 250W @ 50V
D For Low Distortion Complementary Designs
D High DC Current Gain: hFE = 25 Min @ IC = 5A
Absolute Maximum Ratings:
Collector–Emitter Voltage, VCEO(sus)
140V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
140V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Base Voltage, VEBO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Collector Current, IC
20A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Base Current, IB
5A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Emitter Current, IE
25A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Power Dissipation (TC = +25°C), PD
250W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
1.43W/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
0.70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, 1/16” from Case, 10sec Max), TL
+265
°C
. . . . . . . . . . . . . . . .
Note 1. Matched complementary pairs are available upon request (NTE61MCP). Matched comple-
mentary pairs have their gain specification (hFE) matched to within 10% of each other.
Electrical Characteristics: (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Sustaining Voltage
VCEO(sus) IC = 200mA, IB = 0, Note 2
140
V
Collector Cutoff Current
ICEX
VCE = 140V, VBE(off) = 1.5V
100
µA
VCE = 140V, VBE(off) = 1.5V, TC = +150°C
2
mA
ICEO
VCE = 140V, IB = 0
250
µA
Emitter Cutoff Current
IEBO
VEB = 5V, IC = 0
100
µA
Note 2. Pulse Test: Pulse Width = 300
µs, Duty Cycle = 2%.


Similar Part No. - NTE60

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE6002 NTE-NTE6002 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE6003 NTE-NTE6003 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE6004 NTE-NTE6004 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE6005 NTE-NTE6005 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
More results

Similar Description - NTE60

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE388 NTE-NTE388 Datasheet
23Kb / 2P
   Silicon Complementary Transistors General Purpose High Power Audio, Disk Head Positioner for Linear Applications
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Power Audio Output
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE192 NTE-NTE192 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Output
NTE289A NTE-NTE289A Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
   Crimp head positioner
logo
NTE Electronics
NTE54 NTE-NTE54 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Frequency Driver for Audio Amplifier
logo
PHOENIX CONTACT
SF-Z0042 PHOENIX-SF-Z0042 Datasheet
39Kb / 2P
   Crimp head positioner
logo
NTE Electronics
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com