Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE60 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE60
Description  Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE60 Datasheet(HTML) 2 Page - NTE Electronics

  NTE60 Datasheet HTML 1Page - NTE Electronics NTE60 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Second Breakdown
Second Breakdown Collector Current
IS/b
VCE = 50V, t = 1s (non–repetitive)
5
µA
with Base Forward Bias
VCE = 100V, t = 1s (non–repetitive)
1
µA
ON Characteristics
DC Current Gain
hFE
VCE = 2V, IC = 5A
25
150
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 5A, IB = 500mA
1
V
Base–Emitter On Voltage
VBE(on)
VCE = 2V, IC = 5A
2
V
Dynamic Characteristics
Current Gain–Bandwidth Product
fT
VCE = 10V, IC = 500mA, ftest = 0.5MHz
2
MHz
Output Capacitance
Cob
VCB = 10V, IE = 0, ftest = 1MHz
1000
pF
1.187 (30.16)
.875 (22.2)
Dia Max
.665
(16.9)
.430
(10.92)
Seating
Plane
.040 (1.02)
.312 (7.93) Min
.135 (3.45) Max
.350 (8.89)
Emitter
Collector/Case
Base
.215 (5.45)
.525 (13.35) R Max
.156 (3.96) Dia
(2 Holes)
.188 (4.8) R Max


Similar Part No. - NTE60

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
   Silicon Varistor Temperature Compensating Diode
NTE6002 NTE-NTE6002 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE6003 NTE-NTE6003 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE6004 NTE-NTE6004 Datasheet
34Kb / 3P
   NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp
NTE6005 NTE-NTE6005 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
More results

Similar Description - NTE60

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE388 NTE-NTE388 Datasheet
23Kb / 2P
   Silicon Complementary Transistors General Purpose High Power Audio, Disk Head Positioner for Linear Applications
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Power Audio Output
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE192 NTE-NTE192 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Power Output
NTE289A NTE-NTE289A Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
logo
PHOENIX CONTACT
SF-Z0002 PHOENIX-SF-Z0002 Datasheet
43Kb / 2P
   Crimp head positioner
logo
NTE Electronics
NTE54 NTE-NTE54 Datasheet
23Kb / 2P
   Silicon Complementary Transistors High Frequency Driver for Audio Amplifier
logo
PHOENIX CONTACT
SF-Z0042 PHOENIX-SF-Z0042 Datasheet
39Kb / 2P
   Crimp head positioner
logo
NTE Electronics
NTE331 NTE-NTE331 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amp, Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com