Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7ET-NV1-B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # H7ET-NV1-B
Description  Self-powered Time Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H7ET-NV1-B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  H7ET-NV1-B Datasheet HTML 1Page - List of Unclassifed Manufacturers H7ET-NV1-B Datasheet HTML 2Page - List of Unclassifed Manufacturers H7ET-NV1-B Datasheet HTML 3Page - List of Unclassifed Manufacturers H7ET-NV1-B Datasheet HTML 4Page - List of Unclassifed Manufacturers H7ET-NV1-B Datasheet HTML 5Page - List of Unclassifed Manufacturers H7ET-NV1-B Datasheet HTML 6Page - List of Unclassifed Manufacturers H7ET-NV1-B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
C-20
Self-powered Time Counter
H7ET
Connections
I Terminal Arrangement
Bottom view: View of the Time Counter rotated horizontally 180
°
I Connections
H7ET Time Counter
Note: 1. Terminals 2 and 4 (input circuit and reset circuit) are func-
tionally isolated.
2. Select input transistors according to the following:
Dielectric strength of the collector
≥ 50 V
Leakage current < 1
µA
Backlight Model
No-backlight Model
Backlight
24 VDC
Timer
input
Reset
input
Timer
input
Reset
input
PNP/NPN Universal DC Voltage Input Model With Backlight
1. Contact Input (Input by a Relay or Switch Contact)
Relay
Input
Reset
Relay
or Switch
or Switch
Input
Reset
2. Solid-state Input
Backlight
24 VDC
Open collector of a
PNP transistor
Open collector of a
PNP transistor
Backlight
24 VDC
or Open collector of an
NPN transistor
or Open collector of an
NPN transistor


Similar Part No. - H7ET-NV1-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7ET-NV1-B OMRON-H7ET-NV1-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
H7ET-NV1-BH OMRON-H7ET-NV1-BH Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
More results

Similar Description - H7ET-NV1-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
   Self-powered Total Counter
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
   Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
   Self-powered, Wireless Switch
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
WAGO Kontakttechnik Gmb...
750-404-000-002 WAGO-750-404-000-002 Datasheet
551Kb / 12P
   Peak Time Counter
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com