Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H7ET-NFV1-B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # H7ET-NFV1-B
Description  Self-powered Time Counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H7ET-NFV1-B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  H7ET-NFV1-B Datasheet HTML 1Page - List of Unclassifed Manufacturers H7ET-NFV1-B Datasheet HTML 2Page - List of Unclassifed Manufacturers H7ET-NFV1-B Datasheet HTML 3Page - List of Unclassifed Manufacturers H7ET-NFV1-B Datasheet HTML 4Page - List of Unclassifed Manufacturers H7ET-NFV1-B Datasheet HTML 5Page - List of Unclassifed Manufacturers H7ET-NFV1-B Datasheet HTML 6Page - List of Unclassifed Manufacturers H7ET-NFV1-B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Self-powered Time Counter
H7ET
C-21
Relay
No-voltage Input Model
1. Contact Input (Input by a Relay or Switch Contact)
AC/DC Multi-voltage Input Model
PNP/NPN Universal DC Voltage Input Model Without Backlight
1. Contact Input (Input by a Relay or Switch Contact)
2. Solid-state Input
Relay
Input
Reset
Relay
or Switch
or Switch
Input
Reset
Relay
Relay
Input
Reset
or Switch
or Switch
or Switch
Input
Reset
Relay
Input
Reset
Relay
or Switch
or Switch
Open collector of a
PNP transistor
Open collector of a
PNP transistor
or Open collector of an
NPN transistor
or Open collector of an
NPN transistor
Note: 1. Terminals 2 and 4 (input circuit and reset circuit) are
functionally isolated.
2. Select input transistors according to the following:
Dielectric strength of the collector
≥ 50 V
Leakage current < 1
µA
or Open collector of
an NPN transistor
Terminals 2 and 4 are
internally connected.
Note: Use Relays and Switches that have high contact relia-
bility because the current flowing from terminals 1 or
3 is as small as approx. 10
µA. It is recommended
that OMRON's G3TA-IA/ID be used as the SSR.
2. Solid-state Input
(Open Collector Input of an NPN Transistor)
Open collector of an
NPN transistor
Open collector of an
NPN transistor
Terminals 2 and 4 are
internally connected.
Note: 1. Residual voltage in the output section of Proximity
Sensors or Photoelectric Sensors becomes less
than 0.5 V because the current flowing from termi-
nals 1 or 3 is as small as approx. 10
µA, thus allow-
ing easy connection.
2. Select input transistors according to the following:
Dielectric strength of the collector
≥ 50 V
Leakage current < 1
µA


Similar Part No. - H7ET-NFV1-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7ET-NFV1-B OMRON-H7ET-NFV1-B Datasheet
2Mb / 33P
   Compact Economical Totalizer with High Visibility Available with Backlit LCD Display
More results

Similar Description - H7ET-NFV1-B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
NEW-H7EC OMRON-NEW-H7EC Datasheet
2Mb / 33P
   Self-powered Total Counter
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
logo
SMSC Corporation
EVB-USB2524 SMSC-EVB-USB2524 Datasheet
307Kb / 8P
   Self-powered operation
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Linear Technology
LTC1531 LINER-LTC1531_15 Datasheet
196Kb / 16P
   Self-Powered Isolated Comparator
LTC1531 LINER-LTC1531 Datasheet
266Kb / 16P
   Self-Powered Isolated Comparator
logo
EnOcean GmbH.
ESRPU ENOCEAN-ESRPU Datasheet
282Kb / 2P
   Self-powered, Wireless Switch
logo
Maxim Integrated Produc...
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
WAGO Kontakttechnik Gmb...
750-404-000-002 WAGO-750-404-000-002 Datasheet
551Kb / 12P
   Peak Time Counter
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com