Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-2500 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HDSP-2500
Description  Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-2500 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HDSP-2500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDSP-2500 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Electrical Description
Pin Function
Description
RESET (RST, pin 1)
Initializes the display.
FLASH (FL, pin 2)
FL low indicates an access to the Flash RAM and is unaffected by the
state of address lines A3-A4.
ADDRESS INPUTS
Each location in memory has a distinct address. Address inputs (A0-A2)
(A0-A4, pins 3-6, 10)
select a specific location in the Character RAM, the Flash RAM or a
particular row in the UDC (User-Defined Character) RAM. A3-A4 are
used to select which section of memory is accessed. Table 1 shows the
logic levels needed to access each section of memory.
Table 1. Logic Levels to Access Memory
Section of Memory
FL
A4
A3
A2 A1 A0
Flash RAM
0
X
X
Char. Address
UDC Address Register
1
0
0
Don't Care
UDC RAM
1
0
1
Row Address
Control Word Register
1
1
0
Don’t Care
Character RAM
1
1
1
Character Address
CLOCK SELECT
Used to select either an internal (CLS = 1) or external (CLS = 0) clock source.
(CLS, pin 11)
CLOCK INPUT/OUTPUT
Outputs the master clock (CLS = 1) or inputs a clock (CLS = 0) for slave
(CLK, pin 12)
displays.
WRITE (WR, pin 13)
Data is written into the display when the WR input is low and the
CE input is low.
CHIP ENABLE (CE, pin 17)
Must be at a logic low to read or write data to the display and must go
high between each read and write cycle.
READ (RD, pin 18)
Data is read from the display when the RD input is low and the CE
input is low.
DATA Bus (D0-D7,
Used to read from or write to the display.
pins 19, 20, 23-28)
GND (SUPPLY) (pin 15)
Analog ground for the LED drivers.
GND (LOGIC) (pin 16)
Digital ground for internal logic.
VDD (POWER) (pin 14)
Positive power supply input.


Similar Part No. - HDSP-2500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2500 AVAGO-HDSP-2500 Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2500 AVAGO-HDSP-2500 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2500 AVAGO-HDSP-2500 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
More results

Similar Description - HDSP-2500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-210X AVAGO-HDSP-210X Datasheet
335Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-2107 AVAGO-HDSP-2107_10 Datasheet
179Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
HDSP-210X AVAGO-HDSP-210X_08 Datasheet
344Kb / 16P
   Eight Character 5 mm and 7 mm Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-253X HP-HDSP-253X Datasheet
407Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-2533 AVAGO-HDSP-2533 Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDSP-253 HP-HDSP-253 Datasheet
201Kb / 16P
   Eight Character 5 mm Smart Alphanumeric Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-253X AVAGO-HDSP-253X Datasheet
787Kb / 15P
   Eight Character 5 mm Smart Alphanumeric Display
logo
Broadcom Corporation.
HDSP-253X BOARDCOM-HDSP-253X Datasheet
813Kb / 18P
   Eight Character 5-mm Smart Alphanumeric Display
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com