Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1051 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HMC1051
Description  1 AND 2-AXIS MAGNETIC SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMC1051 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HMC1051 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMC1051 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMC1051 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMC1051 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMC1051 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMC1051 Datasheet HTML 6Page - List of Unclassifed Manufacturers HMC1051 Datasheet HTML 7Page - List of Unclassifed Manufacturers HMC1051 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
HMC1051 / HMC1052
SENSOR PRODUCTS
Web Sites:
www.magneticsensors.com
Honeywell
www.ssec.honeywell.com
Solid State Electronics Center
Email: ssec.customer.service@honeywell.com
12001 State Highway 55
Plymouth, Minnesota 55441-4799
2001 HMC1051/1052 Published Jul 2001
Page 3
1-800-323-8295
SPECIFICATIONS
Characteristics
Conditions*
Min
Typ
Max
Units
Set/Reset Strap
Resistance
Measured from S/R+ to S/R-
3
4
5
ohms
Current
0.1% duty cycle, or less,
2
msec current pulse
0.4
0.5
4
Amp
Resistance
Tempco
TA=-40 to 125°C
3700
ppm/°C
Offset Straps
(available on die)
Resistance
Measured from OFFSET+ to OFFSET-
12
15
18
ohms
Offset
Constant
DC Current
Field applied in sensitive direction
10
mA/gauss
Resistance
Tempco
TA=-40 to 125°C
3900
ppm/°C
* Tested at 25°C except stated otherwise.
Pin Configurations (Arrow indicates direction of applied field that generates a positive output voltage after a SET pulse.)
HMC1051
HMC1052
HMC1051
Vcc
(3)
GND Plane
(4)
Vo+(A)
(2)
Vo-(A)
(8)
GND1(B)
(1)
GND2(B)
(5)
BRIDGE A
BRIDGE B
S/R+
(6)
S/R-
(7)
Set/Reset Strap
HMC1051Z Pinout
HMC1052
Vcc
(5)
GND2
(3)
OUT-
(10)
OUT+
(4)
GND
(1)
BRIDGE A
BRIDGE B
S/R+
(6)
S/R-
(8)
Set/Reset Strap
GND1
(9)
OUT-
(7)
OUT+
(2)
HMC1052 Pinout
HMC
1052
12
34
5
6
7
8
9
10
A
B
HONEYWELL
HMC1051Z
12345678


Similar Part No. - HMC1051

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1051 HONEYWELL-HMC1051 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1051 HONEYWELL-ACC-HMC1051 Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC1051Z HONEYWELL-HMC1051Z Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
HMC1051ZL HONEYWELL-HMC1051ZL Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
HMC1051 HONEYWELL-HMC1051_06 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
More results

Similar Description - HMC1051

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC1001-RC HONEYWELL-ACC-HMC1001-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC1001 HONEYWELL-HMC1001 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021Z-RC HONEYWELL-ACC-HMC1021Z-RC Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
HMC1052L-TR HONEYWELL-ACC-HMC1052L-TR Datasheet
662Kb / 11P
   1, 2 and 3 Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC105X HONEYWELL-HMC105X Datasheet
895Kb / 12P
   1, 2 AND 3-AXIS MAGNETIC SENSORS
HMC1051 HONEYWELL-HMC1051_06 Datasheet
687Kb / 12P
   1, 2 and 3 Axis Magnetic Sensors
logo
List of Unclassifed Man...
HMC1052 ETC-HMC1052 Datasheet
698Kb / 4P
   Two-Axis Magnetic Sensors
HMC1041Z ETC-HMC1041Z Datasheet
248Kb / 6P
   1-Axis Magnetic Sensor
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
logo
List of Unclassifed Man...
HMC1052L ETC-HMC1052L Datasheet
151Kb / 1P
   2-AXIS MAGNETIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com