Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMN1288D-120 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HMN1288D-120
Description  Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HMN1288D-120 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  HMN1288D-120 Datasheet HTML 1Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 2Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 3Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 4Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 5Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 6Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 7Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 8Page - List of Unclassifed Manufacturers HMN1288D-120 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HANBit
HMN1288D
URL : www.hbe.co.kr
8
HANBit Electronics Co.,Ltd
Rev. 1.0 (June, 2002)
tPF
tWPT
tFS
tDR
tPU
tCER
VSO
VPFD
VPFD
VCC
/CE
4.75
4.25
VSO
- WRITE CYCLE NO.2 (/CE-Controlled)*1,2,3,4,5
NOTE:
1. /CE or /WE must be high during address transition.
2. Because I/O may be active (/OE low) during this period, data input signals of opposite
polarity to the outputs must not be applied.
3. If /OE is high, the I/O pins remain in a state of high impedance.
4. Either tWR1 or tWR2 must be met.
5. Either tDH1 or tDH2 must be met.
-
POWER-DOWN/POWER-UP TIMING
Address
tWZ
tAW
tCW
tWP
tWR2
tAS
tDW
tDH2
High-Z
Data
Undefined
/CE
DIN
DOUT
/WE
Data-in
tWC


Similar Part No. - HMN1288D-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1288D-120 HANBIT-HMN1288D-120 Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN1288D-120I HANBIT-HMN1288D-120I Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
More results

Similar Description - HMN1288D-120

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
Hanbit Electronics Co.,...
HMN1288DV HANBIT-HMN1288DV Datasheet
98Kb / 9P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
logo
DLG Hanbit co.,Ltd.
HMN1288DV DLGHANBIT-HMN1288DV Datasheet
491Kb / 7P
   Non-Volatile SRAM Module 1Mbit (128K x 8-Bit), 32Pin-DIP, 3.3V
HMN5128D DLGHANBIT-HMN5128D Datasheet
581Kb / 7P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
List of Unclassifed Man...
HMN1288J ETC1-HMN1288J Datasheet
158Kb / 8P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit),34Pin-JLCC, 5V
logo
Hanbit Electronics Co.,...
HMN2568D HANBIT-HMN2568D Datasheet
185Kb / 9P
   Non-Volatile SRAM MODULE 2Mbit (256K x 8-Bit), 32Pin-DIP, 5V
HMN5128D HANBIT-HMN5128D Datasheet
174Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN5128DV DLGHANBIT-HMN5128DV Datasheet
564Kb / 6P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
logo
Hanbit Electronics Co.,...
HMN5128DV HANBIT-HMN5128DV Datasheet
182Kb / 9P
   Non-Volatile SRAM MODULE 4Mbit (512K x 8-Bit),32Pin-DIP, 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com