Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTP50NPV Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HTP50NPV
Description  PCB Mounting Hall Effect Current Transformer Type HTP50NPV
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HTP50NPV Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HTP50NPV Datasheet HTML 1Page - List of Unclassifed Manufacturers HTP50NPV Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA
Nominal Primary Current
Turns Ratio
Nominal Power Supply
Power Supply Current
Minimum Load Resistance
Operating Temperature Range
Storage Temperature Range
50A
1000:1
±15V ±5%
14mA per rail + output current
90
0 to +70
°C
-25
°C to +85°C
SPECIFICATION
Linearity
Limit of Linearity
Overall Accuracy
Output Offset Current
Output Offset Current After Overload
Zero Offset/Temperature
Zero Offset/Supply Variation
Coil resistance
Bandwidth (-1dB)
di/dt following
Delay Time
dV/dt Immunity
Proof Stress Voltage
0.1% of nominal primary current.
± 75A peak value
0.5% of nominal primary current
<
±125µA at primary current =0A
<
±250µA at primary current =0A
<5µA/°C
<5µA/V
52
dc to 150kHz min.
>100A/
µs
0.1µS
10kV/µs
2.5kV a.c., rms, 50Hz for 1 minute, Primary pins to output
terminals
GENERAL DATA
Weight
Housing
Mounting
Primary Conductor Material
Signal Sense
26g nominal
Modified Polyphenylene Oxide
Direct mounting to PCB by 11 pins
Copper Tin Plated
A positive output is obtained when current flows in the direction
of the arrow shown on the diagram below


Similar Part No. - HTP50NPV

ManufacturerPart #DatasheetDescription
logo
Picker Components
HTP50 PICKER-HTP50 Datasheet
415Kb / 1P
   Heat Transfer Pad
logo
E+E Elektronik Ges.m.b....
HTP501 EPLUSE-HTP501 Datasheet
1Mb / 8P
   Digital Humidity and Temperature Probe up to 120 °C (248 °F)
05-2023
More results

Similar Description - HTP50NPV

ManufacturerPart #DatasheetDescription
logo
Micronas
CUR3105 MICRONAS-CUR3105 Datasheet
257Kb / 2P
   Hall-Effect Current Transducer
logo
List of Unclassifed Man...
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
   Hall Effect Current Sensors
S21Z100D15 ETC2-S21Z100D15 Datasheet
195Kb / 3P
   Hall Effect Current Sensors
logo
Winson Semiconductor Co...
WCS1301 WINSON-WCS1301 Datasheet
404Kb / 4P
   Hall Effect Base Current Switch
logo
DIWELL Electronics Co.,...
WCS1301 DIWELL-WCS1301 Datasheet
398Kb / 4P
   Hall Effect Base Current Switch
2015/2/6
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
OPTEK Technologies
OHN3113U OPTEK-OHN3113U Datasheet
335Kb / 2P
   Hallogic Hall Effect Sensors Type
logo
Unisonic Technologies
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com