Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV230 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV230
Description  Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV230 Datasheet(HTML) 5 Page - Supertex, Inc

  HV230 Datasheet HTML 1Page - Supertex, Inc HV230 Datasheet HTML 2Page - Supertex, Inc HV230 Datasheet HTML 3Page - Supertex, Inc HV230 Datasheet HTML 4Page - Supertex, Inc HV230 Datasheet HTML 5Page - Supertex, Inc HV230 Datasheet HTML 6Page - Supertex, Inc HV230 Datasheet HTML 7Page - Supertex, Inc HV230 Datasheet HTML 8Page - Supertex, Inc HV230 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
HV230/232
NR032505
Electrical Characteristics
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
0°C
+25°C
+70°C
Characteristics
Sym
min
max
min
typ*
max
min
max
Units
Test Conditions
Set Up Time Before LE Rises
tSD
150
150
150
ns
Time Width of LE
tWLE
150
150
150
ns
Clock Delay Time to Data Out
t
DO
55
150
60
150
70
150
ns
Time Width of CL
tWCL
150
150
150
ns
Set Up Time Data to Clock
tSU
15
15
8.0
20
ns
Hold Time Data from Clock
t
h
35
35
35
ns
Clock Freq
fCLK
5.0
5.0
5.0
MHz
50% duty cycle
fDATA = fCLK/2
Clock Rise and Fall Times
t
r, tf
1.0
1.0
1.0
µs
Turn On Time
tON
5.0
5.0
5.0
µs
VSIG = VPP -10V,
RL = 10KΩ
Turn Off Time
tOFF
5.0
5.0
5.0
µs
VSIG = VPP -10V,
R
L = 10KΩ
20
20
20
VPP = 160V,
VNN = -40V
Maximum VSIG Slew Rate
dv/dt
20
20
20
V/ns
VPP = 100V,
V
NN = -100V
20
20
20
VPP = 40V,
VNN = -160V
Off Isolation
KO
-30
-30
-33
-30
dB
f = 5MHz,
1K
Ω//15pF load
-58
-58
-58
dB
f = 5MHz,
50
Ω load
Switch Crosstalk
KCR
-60
-60
-70
-60
dB
f = 5MHz,
50
Ω load
Output Switch Isolation
IID
300
300
300
mA
300ns pulse width,
Diode Current
2.0% duty cycle
Off Capacitance SW to GND
CSG(OFF)
5.0
17
5.0
12
17
5.0
17
pF
0V, 1MHz
On Capacitance SW to GND
C
SG(ON)
25
50
25
38
50
25
50
pF
0V, 1MHz
AC Characteristics (over operating conditions V
DD = 5V, unless otherwise noted)
V
PP = 40V, VNN = -160V, RL = 50
V
PP = 100V, VNN = -100V, RL = 50
V
PP = 160V, VNN = -40V, RL = 50
150
150
150
150
150
150
mV
Output Voltage Spike
+25°C
Units
Characteristics
Sym
Test Conditions
min
typ*
max
+V
SPK
-V
SPK
+V
SPK
-V
SPK
+V
SPK
-V
SPK
*Typical values only for HV232
Electrical Characteristics
*Typical values only for HV232


Similar Part No. - HV230

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV230 SUTEX-HV230 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301B1-G SUTEX-HV2301B1-G Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301FG-G SUTEX-HV2301FG-G Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
More results

Similar Description - HV230

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV230 SUTEX-HV230_07 Datasheet
625Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232_13 Datasheet
567Kb / 9P
   Low Charge Injection 8-Channel High Voltage Analog Switches with Bleed Resistors
HV230 SUTEX-HV230_13 Datasheet
586Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches with Bleed Resistors
HV232 SUTEX-HV232 Datasheet
100Kb / 10P
   Low Charge Injection 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2303 SUTEX-HV2303 Datasheet
851Kb / 9P
   Low Charge Injection, 8-Channel High Voltage Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301 Datasheet
340Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2301 SUTEX-HV2301_11 Datasheet
815Kb / 9P
   Low Charge Injection, 8-Channel, High Voltage, Enhanced Analog Switch with Bleed Resistors
HV2901 SUTEX-HV2901 Datasheet
689Kb / 9P
   Low Charge Injection 32-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701_07 Datasheet
714Kb / 8P
   Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2761 SUTEX-HV2761 Datasheet
764Kb / 8P
   Low Charge Injection, 24-Channel, High Voltage Analog Switch with Bleed Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com