Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV257 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV257
Description  32 CHANNEL HIGH VOLTAGE SAMPLE AND HOLD AMPLIFIER ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV257 Datasheet(HTML) 2 Page - Supertex, Inc

  HV257 Datasheet HTML 1Page - Supertex, Inc HV257 Datasheet HTML 2Page - Supertex, Inc HV257 Datasheet HTML 3Page - Supertex, Inc HV257 Datasheet HTML 4Page - Supertex, Inc HV257 Datasheet HTML 5Page - Supertex, Inc HV257 Datasheet HTML 6Page - Supertex, Inc HV257 Datasheet HTML 7Page - Supertex, Inc HV257 Datasheet HTML 8Page - Supertex, Inc HV257 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
HV257
A122104
V
P
P
High voltage positive supply
125
300
V
D
D
Low voltage positive supply
6.0
7.5
V
N
N
Low voltage negative supply
-4.5
-6.5
I
P
P
V
P
P
supply current
0.8
mA
I
D
D
V
D
D
supply current
4.3
mA
I
N
N
V
N
N
supply current
-5.2
mA
T
J
Junction temperature range
-10
125
˚C
V
H
T
U
O
V
H
T
U
O
voltage swing
VPP -5
V
S
O
N
I
Input voltage offset
±50
mV
d.
e
r
r
e
f
e
r
t
u
p
n
I
R
S
V
H
T
U
O
slew rate rise
2.2
V/
µsad
o
L
o
N
V
H
T
U
O
slew rate fall
2.0
V/
µsad
o
L
o
N
BW
HV
T
U
O
-3dB channel bandwidth
4.0
KHz
A
O
Open loop gain
70
100
dB
A
V
Closed loop gain
68.4
72.0
75.6
V/V
R
B
F
V
H
Feedback resistance from
T
U
O
to ground
9.6
12
M
C
D
A
O
L
V
H
T
U
O
capacitive load
3000
pF
I
E
C
R
U
O
S
V
H
T
U
O
sourcing current limiting range
385
550
715
µA
R
E
C
R
U
O
S
K
5
2
=
I
K
N
I
S
V
H
T
U
O
sinking current limiting range
385
550
715
µA
R
K
N
I
S
K
5
2
=
R
E
C
R
U
O
S
External resistance range for setting current
source limit
25
250
K
R
K
N
I
S
External resistance range for setting current
sink limit
25
250
K
T
C
C
D
DC channel to channel crosstalk
-80
dB
R
R
S
P
V
Power supply rejection ratio for
P
P
V
,
D
D
V
d
n
a
,
N
N
-40
dB
V
V
V
VPP = 300V, All HVOUT = 0V, No Load
VNN = -4.5V to -6.5V
VDD = 6.0V to 7.5V
0
V
VPP = 300V
0
Ordering Information
e
c
i
v
e
D
t
u
p
t
u
O
m
u
m
i
x
a
M
e
g
a
t
l
o
V
d
e
s
o
l
C
l
a
n
i
m
o
N
n
i
a
G
p
o
o
L
s
n
o
i
t
p
O
e
g
a
k
c
a
P
HV257
295V
72V/V
HV257FG
HV257X
100Lead MQFP
Die
Absolute Maximum Ratings*
VPP, High voltage supply
310V
AVDD, Analog low voltage positive supply
8.0V
DVDD, Digital low voltage positive supply
8.0V
AVNN, Analog low voltage negative supply
-7.0V
DVNN, Digital low voltage negative supply
-7.0V
Logic input voltage
-0.5V to DVDD
VIN, Analog input signal
0V to 6.0V
Storage temperature range
-65°C to 150°C
Maximum junction temperature
150°C
*Absolute Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. Continuous operation of the device
at the absolute rating level may affect device reliability. All voltages are referenced to device
ground.
Electrical Characteristics (Over operating conditions unless otherwise noted.)
Symbol
Parameters
Min
Typ
Max
Unit
Condition
High Voltage Amplifier
Operating Conditions


Similar Part No. - HV257

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257 SUTEX-HV257 Datasheet
1Mb / 13P
   32-Channel High Voltage Sample and Hold Amplifi er Array
HV257 SUTEX-HV257 Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
More results

Similar Description - HV257

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV257FG-G SUTEX-HV257FG-G Datasheet
1Mb / 16P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_13 Datasheet
1Mb / 15P
   32-Channel High Voltage Sample and Hold Amplifier Array
HV257 SUTEX-HV257_07 Datasheet
1Mb / 13P
   32-Channel High Voltage Sample and Hold Amplifi er Array
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
   High Voltage Sample and Hold Array
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD684 AD-AD684_15 Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
5962-9201301MEA AD-5962-9201301MEA Datasheet
265Kb / 8P
   Four-Channel Sample-and-Hold Amplifier
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com