Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL232MJE Datasheet(PDF) 5 Page - Harris Corporation

Part # ICL232MJE
Description  5V Powered, Dual RS-232 Transmitter/Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

ICL232MJE Datasheet(HTML) 5 Page - Harris Corporation

  ICL232MJE Datasheet HTML 1Page - Harris Corporation ICL232MJE Datasheet HTML 2Page - Harris Corporation ICL232MJE Datasheet HTML 3Page - Harris Corporation ICL232MJE Datasheet HTML 4Page - Harris Corporation ICL232MJE Datasheet HTML 5Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
8-53
Applications
The ICL232 may be used for all RS-232 data terminal and
communication links. It is particularly useful in applications
where
±12V power supplies are not available for conven-
tional RS-232 interface circuits. The applications presented
represent typical interface configurations.
A simple duplex RS-232 port with CTS/RTS handshaking is
illustrated in Figure 10. Fixed output signals such as DTR
(data terminal ready) and DSRS (data signaling rate select)
is generated by driving them through a 5k
Ω resistor
connected to V+.
In applications requiring four RS-232 inputs and outputs
(Figure 11), note that each circuit requires two charge pump
capacitors (C1 and C2) but can share common reservoir
capacitors (C3 and C4). The benefit of sharing common res-
ervoir capacitors is the elimination of two capacitors and the
reduction of the charge pump source impedance which
effectively increases the output swing of the transmitters.
ROUT
GND < VROUT < VCC
5k
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 8. RECEIVER
T1IN, T2IN
VOH
VOL
tPLH
tPHL
Average Propagation Delay =
tPHL + tPLH
2
OR
R1IN, R2IN
T1OUT, T2OUT
OR
R1OUT, R2OUT
FIGURE 9. PROPAGATION DELAY DEFINITION
-
+
-
+
-
+
CTR (20) DATA
TERMINAL READY
DSRS (24) DATA
SIGNALING RATE
RS-232
INPUTS AND OUTPUTS
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
SIGNAL GROUND (7)
15
8
13
7
14
16
-
+
6
R2
R1
T2
T1
9
12
10
11
4
5
3
1
ICL232
C1
1
µF
C2
1
µF
TD
RTS
RD
CTS
SELECT
+5V
INPUTS
OUTPUTS
TTL/CMOS
C3
1
µF
C4
1
µF
2
5k
5k
FIGURE 10. SIMPLE DUPLEX RS-232 PORT WITH CTS/RTS
HANDSHAKING
-
+
RS-232
INPUTS AND
DTR (20) DATA TERMINAL
DSRS (24) DATA SIGNALING
DCD (8) DATA CARRIER
R1 (22) RING INDICATOR
SIGNAL GROUND (7)
15
8
13
7
14
2
-
4
R2
R1
T2
T1
9
12
10
11
3
1
ICL232
C1
1
µF
DTR
DSRS
DCD
R1
+5V
INPUTS
OUTPUTS
TTL/CMOS
-
+
-
+
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
8
13
7
14
15
R2
R1
T2
T1
9
12
10
11
4
5
3
1
ICL232
C1
1
µF
C2
1
µF
TD
RTS
RD
CTS
INPUTS
OUTPUTS
TTL/CMOS
-
+
5
C2
1
µF
16
C3
2
6
2
6
V-
V+
-
C4
2
µF
OUTPUTS
RATE SELECT
READY
DETECT
FIGURE 11. COMBINING TWO ICL232s FOR 4 PAIRS OF RS-232 INPUTS AND OUTPUTS
µF
ICL232


Similar Part No. - ICL232MJE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232MJE INTERSIL-ICL232MJE Datasheet
139Kb / 6P
   5V Powered, Dual RS-232 Transmitter/Receiver
ICL232MJE INTERSIL-ICL232MJE Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
ICL232MJE INTERSIL-ICL232MJE Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
More results

Similar Description - ICL232MJE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL232 INTERSIL-ICL232_05 Datasheet
210Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Renesas Technology Corp
ICL232 RENESAS-ICL232 Datasheet
451Kb / 8P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS1228 DALLAS-DS1228 Datasheet
15Kb / 1P
   5V Powered Dual RS-232 Transmitter/Receiver
logo
Intersil Corporation
ICL232 INTERSIL-ICL232 Datasheet
139Kb / 6P
   5V Powered, Dual RS-232 Transmitter/Receiver
ICL232IBE INTERSIL-ICL232IBE Datasheet
221Kb / 7P
   5V Powered, Dual RS-232 Transmitter/Receiver
logo
Dallas Semiconductor
DS232A DALLAS-DS232A Datasheet
110Kb / 10P
   Dual RS-232 Transmitter/Receiver
logo
Tiger Electronic Co.,Lt...
MAX232 TGS-MAX232 Datasheet
330Kb / 7P
   5V-Powered, Multichannel RS-232
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
logo
Intersil Corporation
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
logo
Dallas Semiconductor
DS229 DALLAS-DS229 Datasheet
96Kb / 9P
   Triple RS-232 Transmitter/Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com