Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V416VS10PHG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V416VS10PHG
Description  3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V416VS10PHG Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V416VS10PHG Datasheet HTML 1Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 2Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 3Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 4Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 5Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 6Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 7Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 8Page - Integrated Device Technology IDT71V416VS10PHG Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.42
2
IDT71V416VS, IDT71V416VL 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
*Pin 28 can either be a NC or connected to Vss
Top View
Pin Configurations - SOJ/TSOP
Pin Descriptions
SOJ Capacitance
(TA = +25°C, f = 1.0MHz)
NOTE:
1. This parameter is guaranteed by device characterization, but not production
tested.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
I/O 7
A9
A8
A7
A6
A5
WE
I/O 6
I/O 5
I/O 4
VSS
VDD
I/O 3
I/O 2
I/O 1
I/O 0
CS
A4
A3
A2
A1
A0
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A16
A15
OE
BHE
BLE
I/O 15
I/O 14
I/O 13
I/O 12
VSS
VDD
I/O 11
I/O 10
I/O 9
I/O 8
A14
A13
A12
A11
A10
A17
NC*
SO44-1
SO44-2
6478 drw 02
A0 - A17
Address Inputs
Input
CS
Chip Select
Input
WE
Write Enable
Input
OE
Output Enable
Input
BHE
High Byte Enable
Input
BLE
Low Byte Enable
Input
I/O0 - I/O15
Data Input/Output
I/O
VDD
3.3V Power
Pwr
VSS
Ground
Gnd
6478 tbl 01
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
7
pF
CI/O
I/O Capacitance
VOUT = 3dV
8
pF
6478 tbl 02
1
2345
6
A
BLE
OE
A0
A1
A2
NC
BI/O0
BHE
A3
A4
CS
I/O8
CI/O1
I/O2
A5
A6
I/O10
I/O9
DVSS
I/O3
A17
A7
I/O11
VDD
EVDD
I/O4
NC
A16
I/O12
VSS
FI/O6
I/O5
A14
A15
I/O13
I/O14
GI/O7
NC
A12
A13
WE
I/O15
HNC
A8
A9
A10
A11
NC
6478 tbl 11
Pin Configurations - 48 BGA
48 BGA Capacitance
(TA = +25°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
6478 tbl 02b


Similar Part No. - IDT71V416VS10PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416L IDT-IDT71V416L Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L IDT-IDT71V416L Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71V416L IDT-IDT71V416L Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEG IDT-IDT71V416L10BEG Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results

Similar Description - IDT71V416VS10PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
   3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S_13 Datasheet
109Kb / 9P
   3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com