Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA1068 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ILA1068
Description  Versatile Telephone Transmission Circuit with Dialler Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILA1068 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ILA1068 Datasheet HTML 1Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 2Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 3Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ILA1068
3
FUNCTIONAL DESCRIPTION
Supplies VCC, LN, SLPE, REG and STAB
Power for the IC and its peripheral circuits is usually
obtained from the telephone line. The ILA1068
develops its own supply at VCC and regulates its
voltage drop. The supply voltage VCC may also be
used to supply external circuits, e.g. dialling and
control circuits.
Decoupling of the supply voltage is performed by a
capacitor between VCC and VEE; the internal voltage
regulator is decoupled by a capacitor between REG
and VEE.
The DC current flowing into the set is determined by
the exchange voltage (Vexch), the feeding bridge
resistance, (Rexch) and the DC resistance of the
telephone line (Rline).
An internal current stabilizer is set by a resistor of
3.6 K
Ω between the current stabilizer pin STAB and
VEE (see Fig.1).
Figure 1. Supply arrangement
If the line current Iline exceeds the current ICC + 0.5 mA
required by the circuit itself (approximately 1mA)
plus the current Ip required by the peripheral circuits
connected to VCC, then the voltage regulator diverts
the excess current via LN.
The regulated voltage on the line terminal (VLN) can
be calculated as:
VLN = Vref + ISLPE x R9
VLN = Vref + ((Iline - ICC - 0.5 x 10
3)-I
p) x R9,
where Vref is an internally generated temperature
compensated reference voltage of 4.2 V and R9 is an
external resistor connected between SLPE and VEE.
The preferred value for R9 is 20
Ω. Changing the
value of R9 will also affect microphone gain, DTMF
gain, gain control characteristics, side-tone level, the
maximum output
swing
on
LN
and
the
DC
characteristics (especially at lower voltages).
Under normal conditions, when ISLPE >> ICC + 0.5 mA
+ Ip , the static behaviour of the circuit is that of a
4.2 V regulator diode with an internal resistance
equal to that of R9. In the audio frequency range, the
dynamic impedance is largely determined by R1 (see
Fig.2).
The internal reference voltage can be adjusted by
means of an external resistor (RVA). This resistor,
connected between LN and REG, will decrease the
internal reference voltage; when connected between
REG and SLPE, it will increase the internal reference
voltage. Current (Ip) available from VCC for supplying
peripheral circuits depends on external components
and on the line current.
Leq = C3 x R9 x RP
RP = 17.5K
Figure 2. Equivalent impedance circuit
Microphone inputs MIC+ and MIC- and gain pins
GAS1 and GAS2
The circuit has symmetrical microphone inputs. Its
input impedance is 64 K
Ω (2 x32 KΩ) and its voltage
gain is typically 52 dB (when R7 = 68 K
Ω, see
Figure 5).
Dynamic,
magnetic,
piezo-electric
or
electret (with built-in FET source followers) can be
used.
The gain of the microphone amplifier can be adjusted
between 44 dB and 60 dB. The gain is proportional to
the value of R7 connected between GAS1 and GAS2.
An external capacitor C6 of 100 pF between GAS1
and SLPE is required to ensure stability. A larger
value may be chosen to obtain a firs t-order low-pass
filter. The cut-off frequency corresponds to the time
constant R7 x C6.
VCC
V
EE
ICC
I
SLPE
I
SLPE
I
C
I
line
R
line
R
exch
V
exch
LN
0.5 mA
+0.5 mA
R1
R9
STAB
SLPE
REG
C3
R5
C1
+
+
+
-
-
-
peripheral
circuit
DC
AC
IlA1068


Similar Part No. - ILA1068

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
   Provides a supply for external circuits
logo
Integral Corp.
ILA1062A INTEGRAL-ILA1062A Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results

Similar Description - ILA1068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com