Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP200 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IP200
Description  Interpolation Circuit for Incremental Measuring Systems
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IP200 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IP200 Datasheet HTML 1Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 2Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP200 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Phone:
+49 371 33 77 - 0
Fax::
+49 371 33 77 272
Internet:
www.gemac-chemnitz.de
Email:
interpolation@gemac-chemnitz.de
sales@gemac-chemnitz.de
GEMAC
Gesellschaft für
Mikroe lektronikanwendung Chemnitz mbH
Zwickauer Straße 227
D-09116 Chemnitz, Germany
Date: 20.04.04
Page 3 of 30
Title:
Data Sheet GC-IP200
Name of Document:
43500-DB-2-1-E-IP200.pdf
1
Overview
The IP200 interpolation circuit is designed for connection to incremental position and angle measuring
systems with sine-shaped output signals with a 90° phase shift. It can be operated at a large number of
transducer systems working according to the most varied measuring principles. With a maximum
interpolation rate of 200 the IC is capable to split the input signal period into up to 200 segments. A counter
value can be output via parallel or serial interface, respectively.
Different interfaces and flexible configuration types enable the use of the IP200 in single-chip interpolation
systems, in microcontroller-based measuring devices and in multi-channel systems alike. Proprietary
automatic gain and offset control, as well as the possibility of a analogue phase correction ensure a high
measuring precision under industrial conditions. The integrated two-level measuring value trigger and the
additional parallel high speed output makes the IC suitable for use in real time applications.
Block Diagram
Inst-Amp
Phase
parallel IF
ADC
ADC
Inst-Amp
ATAN
Controller
Comp
PHI
A/B
Counter
Filter
serial IF
Error ?
Config
Phase
Interpolation Rate
Interval Time
Filter
...
Trigger
Reset
Clock
Cosine
Sine
Reference
GEMAC IP200
Digital
Analog
Figure 1
Inst-Amp
Instrumentation amplifier
ADC
Analogue-Digital-Converter
ATAN
ARCTAN-processing-unit
A/B
Generation of the A/B-signals
serial IF
Serial Interface
parallel IF
Parallel Interface


Similar Part No. - IP200

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
   Synchronous Buck Multiphase Optimized BGA Power Block
IP2001 IRF-IP2001 Datasheet
651Kb / 8P
   500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IP2001PBF IRF-IP2001PBF Datasheet
473Kb / 10P
   Synchronous Buck Multiphase Optimized BGA Power Block
IP2001TRPBF IRF-IP2001TRPBF Datasheet
473Kb / 10P
   Synchronous Buck Multiphase Optimized BGA Power Block
IP2002 IRF-IP2002 Datasheet
835Kb / 12P
   Synchronous Buck Synchronous Buck Integrated Power Semiconductors, Drivers & Passives
More results

Similar Description - IP200

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60E-BDEJ01024 SICK-VFS60E-BDEJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BJNK01024 SICK-VFS60E-BJNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T5AK01024 SICK-VFS60B-T5AK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T8CK01024 SICK-VFS60B-T8CK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-TDNJ01024 SICK-VFS60E-TDNJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-THNK01024 SICK-VFS60E-THNK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-BHCK01024 SICK-VFS60E-BHCK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60B-T7AK02048 SICK-VFS60B-T7AK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7CK02048 SICK-VFS60E-T7CK02048 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
VFS60E-T7EJ01024 SICK-VFS60E-T7EJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com