Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1110 Datasheet(PDF) 9 Page - International Rectifier

Part # IR1110
Description  SOFT START CONTROLLER IC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1110 Datasheet(HTML) 9 Page - International Rectifier

Back Button IR1110 Datasheet HTML 5Page - International Rectifier IR1110 Datasheet HTML 6Page - International Rectifier IR1110 Datasheet HTML 7Page - International Rectifier IR1110 Datasheet HTML 8Page - International Rectifier IR1110 Datasheet HTML 9Page - International Rectifier IR1110 Datasheet HTML 10Page - International Rectifier IR1110 Datasheet HTML 11Page - International Rectifier IR1110 Datasheet HTML 12Page - International Rectifier IR1110 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
IR1110
ADVANCE INFORMATION
www.irf.com
Operating Mode/Fault Output Matrix Chart
Fault
Fault output
Mode
condition
indicator
Description
External setting
Non-
SCR output firing active. LNLSLED = low,
LNLSSL = VDD
multiplexed
1PHLED = high
1PHEN = VDD or VSS
Normal
1PHSEL = VDD
Multiplexed
SCR output firing active. LNLSLED = low,
LNLSSL = VSS
1PHLED = high
1PHEN =VDD or VSS
1PHSEL = VDD
Non-
SCR output firing disabled for period of loss.
LNLSSL = VDD
3-phase
multiplexed
LNLSLED = high, 1PHLED = high
1PHEN =VDD or VSS
1PHSEL = VDD
loss
Multiplexed
SCR output firing disabled for period of loss.
LNLSSL = VSS
LNLSLED = high, 1PHLED = high (Note 1)
1PHEN =VDD or VSS
1PHSEL = VDD
Non-
SCR output firing active.
LNLSSL = VDD
1-phase
multiplexed
LNLSLED = low, 1PHLED = toggles low for
1PHEN = VSS
3-phase
loss
2msec once or twice per line cycle
1PHSEL = VDD
Input
without
Multiplexed
SCR output firing active.LNLSLED toggles
LNLSSL = VSS
operation
shutdown
high while 1PHLED toggles low for 2msec
1PHEN = VSS
once or twice per line cycle. (Note 2)
1PHSEL = VDD
Non-
SCR output firing disabled for period of loss.
LNLSSL = VDD
1-phase
multiplexed
LNLSLED = low, 1PHLED = toggles low
1PHEN = VDD
loss
for 2msec once or twice per line cycle
1PHSEL = VDD
with
Multiplexed
SCR output firing disabled for period of loss.
LNLSSL = VSS
shutdown
LNLSLED toggles high while 1PHLED toggles
1PHEN = VDD
low for 2msec once or twice per line cycle.
1PHSEL = VDD
(Note 2)
High/Low
LNLED
If line voltage exceeds the specified level on
LNSET=desired voltage,
AC line
LNSET voltage, then LNLED = low. Otherwise
1PHEN =VDD or VSS
LNLED = high
1PHSEL = VDD
Non-
SCR output firing disabled for period of loss.
LNLSSL = VDD
multiplexed
LNLSLED = high, 1PHLED = high
1PHEN =VDD or VSS
1-phase
1PHSEL = VSS
loss
Multiplexed
SCR output firing disabled for period of loss.
LNLSSL = VSS
LNLSLED = high, 1PHLED = high
1PHEN =VDD or VSS
1PHSEL = VSS
1-phase
Non-
SCR output firing active. LNLSLED = low.
LNLSSL = VDD
input
multiplexed
1PHLED toggles low for 2msec once or twice
1PHEN =VDD or VSS
operation
Normal
per line cycle
1PHSEL = VSS
Multiplexed
SCR output firing active. LNLSLED toggles
LNLSSL = VSS
high while 1PHLED toggles low for 2msec
1PHEN =VDD or VSS
once or twice per line cycle. (N ote 2)
1PHSEL = VSS
High/Low
LNLED
If line voltage exceeds the specified level on
LNSET=desired voltage,
AC line
LNSET voltage, then LNLED = low. Otherwise
1PHSEL= VSS
LNLED = high
1PHEN =VDD or VSS
Note 1) LNLSLED may toggle high once for 2msec after event of phase loss.
Note 2) 1PHLED and LNLSLED are completely synchronized and complementary.
uld
ctical
e is


Similar Part No. - IR1110

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR11-21C EVERLIGHT-IR11-21C Datasheet
216Kb / 9P
   Technical Data Sheet 1206 Package Chip Infrared LED With Inner Lens
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8 Datasheet
258Kb / 10P
   Infrared LED With Inner Lens
IR11-21C-TR8 EVERLIGHT-IR11-21C-TR8_15 Datasheet
233Kb / 9P
   1206 Package Chip Infrared LED With Inner Lens
IR11-21C/TR8 EVERLIGHT-IR11-21C/TR8 Datasheet
258Kb / 10P
   Infrared LED With Inner Lens
logo
International Rectifier
IR1150 IRF-IR1150 Datasheet
925Kb / 16P
   UPFC ONE CYCLE CONTROL PFC IC
More results

Similar Description - IR1110

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
MCST1225 CRYDOM-MCST1225 Datasheet
1Mb / 5P
   Microprocessor based soft-start / soft-stop controller
logo
ATMEL Corporation
U2008B ATMEL-U2008B Datasheet
70Kb / 10P
   Low-Cost Phase-Control IC with Soft Start
U2008B-MY ATMEL-U2008B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MY ATMEL-U2010B-MY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2008B ATMEL-U2008B_07 Datasheet
341Kb / 13P
   Low-cost Phase-control IC with Soft Start
U2010B-MFPY ATMEL-U2010B-MFPY Datasheet
298Kb / 13P
   Low-cost Phase-control IC with Soft Start
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
   Soft-Start Circuit
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
   Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
   Soft start valve
3/31/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com