Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8499IVZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL8499IVZ-T
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8499IVZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL8499IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 9Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 10Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 11Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 12Page - Intersil Corporation ISL8499IVZ-T Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
FN6111.0
January 27, 2005
FIGURE 19. ON LEAKAGE vs SWITCH VOLTAGE
FIGURE 20. OFF LEAKAGE vs SWITCH VOLTAGE
FIGURE 21. SUPPLY CURRENT vs VLOGIC
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND (QFN Paddle Connection: To Ground or Float)
TRANSISTOR COUNT:
228
PROCESS:
Si Gate CMOS
Typical Performance Curves TA = 25°C, Unless Otherwise Specified (Continued)
VCOM/NX (V)
01
23
4
5
-100
-50
0
50
100
25°C
85°C
V+ = 4.5V
VNX (V)
01
2345
-150
-100
-50
0
50
85°C
25°C
V+ = 4.5V
VCOM = 0.3V
VIN1-4 (V)
123
45
0
50
100
150
200
V+ = 4.2V
Sweeping Both Logic Inputs
ISL8499


Similar Part No. - ISL8499IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IVZ-T INTERSIL-ISL8499IVZ-T Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IVZ-T INTERSIL-ISL8499IVZ-T Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499IVZ-T INTERSIL-ISL8499IVZ-T Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
logo
Renesas Technology Corp
ISL8499IVZ-T RENESAS-ISL8499IVZ-T Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results

Similar Description - ISL8499IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8499IR INTERSIL-ISL8499IR Datasheet
454Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
February 5, 2008
ISL84467IRTZ INTERSIL-ISL84467IRTZ Datasheet
345Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V,Single Supply, Quad SPDT (Dual DPDT) Analog Switch
July 23, 2008
ISL54056 INTERSIL-ISL54056_07 Datasheet
281Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_06 Datasheet
329Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 INTERSIL-ISL84467 Datasheet
289Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL8499 INTERSIL-ISL8499_08 Datasheet
452Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL54056 RENESAS-ISL54056 Datasheet
606Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL54056 INTERSIL-ISL54056 Datasheet
280Kb / 12P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Renesas Technology Corp
ISL8499 RENESAS-ISL8499 Datasheet
774Kb / 14P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL84467 RENESAS-ISL84467 Datasheet
679Kb / 13P
   Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com