Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4008V1B-C10 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6R4008V1B-C10
Description  CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008V1B-C10 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6R4008V1B-C10 Datasheet HTML 1Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 2Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 3Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 4Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 5Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 6Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 7Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 8Page - Samsung semiconductor K6R4008V1B-C10 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
K6R4008V1B-C/B-L, K6R4008V1B-I/B-P
CMOS SRAM
PRELIMINARY
Rev 2.2
- 3 -
May 1999
PIN CONFIGURATION(Top View)
36-SOJ/
N.C
A18
A17
A16
A15
OE
I/O8
I/O7
Vss
Vcc
I/O6
I/O5
A14
A13
A12
A11
A10
N.C
A0
A1
A2
A3
A4
CS
I/O1
I/O2
Vcc
Vss
I/O3
I/O4
WE
A5
A6
A7
A8
A9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
TSOP2
PIN FUNCTION
Pin Name
Pin Function
A0 - A18
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O8
Data Inputs/Outputs
VCC
Power(+3.3V)
VSS
Ground
N.C
No Connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
N.C
N.C
A0
A1
A2
A3
A4
CS
I/O1
I/O2
Vcc
Vss
I/O3
I/O4
WE
A5
A6
A7
A8
A9
N.C
N.C
N.C
N.C
N.C
A18
A17
A16
A15
OE
I/O8
I/O7
Vss
Vcc
I/O6
I/O5
A14
A13
A12
A11
A10
N.C
N.C
N.C
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
44-TSOP2
ABSOLUTE MAXIMUM RATINGS*
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Parameter
Symbol
Rating
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 4.6
V
Voltage on VCC Supply Relative to VSS
VCC
-0.5 to 4.6
V
Power Dissipation
PD
1.0
W
Storage Temperature
TSTG
-65 to 150
°C
Operating Temperature
Commercial
TA
0 to 70
°C
Industrial
TA
-40 to 85
°C


Similar Part No. - K6R4008V1B-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C10 SAMSUNG-K6R4008V1C-C10 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C12 SAMSUNG-K6R4008V1C-C12 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C15 SAMSUNG-K6R4008V1C-C15 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-I SAMSUNG-K6R4008V1C-I Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4008V1B-C10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com