Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R4008V1B-I10 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K6R4008V1B-I10
Description  CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008V1B-I10 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K6R4008V1B-I10 Datasheet HTML 2Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 3Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 4Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 5Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 6Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 7Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 8Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 9Page - Samsung semiconductor K6R4008V1B-I10 Datasheet HTML 10Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
K6R4008V1B-C/B-L, K6R4008V1B-I/B-P
CMOS SRAM
PRELIMINARY
Rev 2.2
- 6 -
May 1999
WRITE CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R4008V1B-10
K6R4008V1B-12
K6R4008V1B-15
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
10
-
12
-
15
-
ns
Chip Select to End of Write
tCW
7
-
8
-
10
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
7
-
8
-
10
-
ns
Write Pulse Width(OE High)
tWP
7
-
8
-
10
-
ns
Write Pulse Width(OE Low)
tWP1
10
-
12
-
15
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
5
0
6
0
7
ns
Data to Write Time Overlap
tDW
5
-
6
-
7
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
3
-
3
-
3
-
ns
Address
Data Out
Previous Valid Data
Valid Data
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
NOTES(READ CYCLE)
1. WE is high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or
VOL levels.
4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to
device.
5. Transition is measured
±200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested.
6. Device is continuously selected with CS=VIL.
7. Address valid prior to coincident with CS transition low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
CS
Address
OE
Data out
tAA
tOLZ
tLZ(4,5)
tOH
tOHZ
tRC
tOE
tCO
tPU
tPD
Valid Data
tHZ(3,4,5)
50%
50%
VCC
Current
ICC
ISB


Similar Part No. - K6R4008V1B-I10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C10 SAMSUNG-K6R4008V1C-C10 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C12 SAMSUNG-K6R4008V1C-C12 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C15 SAMSUNG-K6R4008V1C-C15 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-I SAMSUNG-K6R4008V1C-I Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4008V1B-I10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com