Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1008V1B-I8 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K6R1008V1B-I8
Description  128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008V1B-I8 Datasheet(HTML) 5 Page - Samsung semiconductor

  K6R1008V1B-I8 Datasheet HTML 1Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 2Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 3Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 4Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 5Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 6Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 7Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 8Page - Samsung semiconductor K6R1008V1B-I8 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
K6R1008V1B-C/B-L, K6R1008V1B-I/B-P
CMOS SRAM
PRELIMINARY
Rev 2.1
- 5 -
August 1998
Preliminary
WRITE CYCLE*
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
K6R1008V1B-8
K6R1008V1B-10
K6R1008V1B-12
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
8
-
10
-
12
-
ns
Chip Select to End of Write
tCW
6
-
7
-
8
-
ns
Address Set-up Time
tAS
0
-
0
-
0
-
ns
Address Valid to End of Write
tAW
6
-
7
-
8
-
ns
Write Pulse Width(OE High)
tWP
6
-
7
-
8
-
ns
Write Pulse Width(OE Low)
tWP1
8
-
10
-
12
-
ns
Write Recovery Time
tWR
0
-
0
-
0
-
ns
Write to Output High-Z
tWHZ
0
4
0
5
0
6
ns
Data to Write Time Overlap
tDW
4
-
5
-
6
-
ns
Data Hold from Write Time
tDH
0
-
0
-
0
-
ns
End Write to Output Low-Z
tOW
3
-
3
-
3
-
ns
Address
Data Out
Previous Valid Data
Valid Data
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH


Similar Part No. - K6R1008V1B-I8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008V1C SAMSUNG-K6R1008V1C Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C SAMSUNG-K6R1008V1C-C Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C10 SAMSUNG-K6R1008V1C-C10 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C12 SAMSUNG-K6R1008V1C-C12 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
K6R1008V1C-C15 SAMSUNG-K6R1008V1C-C15 Datasheet
140Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
More results

Similar Description - K6R1008V1B-I8

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4004V1D SAMSUNG-K6R4004V1D Datasheet
218Kb / 9P
   1Mx4 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com