Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP304G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KBP304G
Description  Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KBP304G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KBP304G Datasheet HTML 1Page - List of Unclassifed Manufacturers KBP304G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 488 -
KBP301G THRU KBP307G
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
3.0 Amperes
Features
a UL Recognized File # E-96005
a Ideal for printed circuit board
a Reliable low cost construction technique
results in inexpensive product
a High temperature soldering guaranteed:
250°C / 10 seconds at 5 lbs. ( 2.3 Kg )
tension
a Small size, simple installation
Leads solderable per MIL-STD-202,
Method 208
KBP
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
KBP
301G
KBP
302G
KBP
303G
KBP
304G
KBP
305G
KBP
306G
KBP
307G
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 50°C
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
80
A
Maximum Instantaneous Forward Voltage
@ 3.14A
1.1
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=125°C
10
500
uA
uA
Typical Thermal Resistance (Note 1) R
ÛJA
Typical Thermal Resistance (Note 1) R
ÛJL
30.0
11
°C/w
Operating Temperature Range TJ
-55 to +150
°C
Storage Temperature Range TSTG
-55 to +150
°C
Note 1. Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on PCB
Note 1. With 0.47 x 0.47” (12 x 12mm) Copper Pads.


Similar Part No. - KBP304G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP304G MCC-KBP304G Datasheet
494Kb / 3P
   3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Guangdong Juxing Electr...
KBP304G JUXING-KBP304G Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
KBP304G NIUHANG-KBP304G Datasheet
370Kb / 3P
   BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP304G TSC-KBP304G Datasheet
53Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Compact Technology Corp...
KBP304G CTC-KBP304G Datasheet
140Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBP304G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60 Datasheet
583Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G Datasheet
53Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
UR3KB TSC-UR3KB Datasheet
140Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBPC300G JGD-KBPC300G Datasheet
121Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB305G TSC-SB305G Datasheet
56Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_08 Datasheet
163Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
KBP301G TSC-KBP301G_1 Datasheet
215Kb / 2P
   Single Phase 3.0 AMPS Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBP3005 YANGJIE-KBP3005 Datasheet
270Kb / 2P
   SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
D3UB05 KINGTRONICS-D3UB05_15 Datasheet
375Kb / 2P
   Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers
logo
List of Unclassifed Man...
MBS2 ETC-MBS2 Datasheet
42Kb / 2P
   Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com