Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-493YX Datasheet(PDF) 5 Page - Kingbright Corporation

Part # L-493YX
Description  T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-493YX Datasheet(HTML) 5 Page - Kingbright Corporation

  L-493YX Datasheet HTML 1Page - Kingbright Corporation L-493YX Datasheet HTML 2Page - Kingbright Corporation L-493YX Datasheet HTML 3Page - Kingbright Corporation L-493YX Datasheet HTML 4Page - Kingbright Corporation L-493YX Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SPEC NO: KDA0068
REV NO: V.1
DATE: SEP/30/2001
PAGE: 5 OF 5
APPROVED : J. Lu
CHECKED :
DRAWN: X.M.Zhou
Yellow L-493YC,L-493YT


Similar Part No. - L-493YX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L-493YD ETC-L-493YD Datasheet
111Kb / 1P
   1.0x5.0x10.0mm RECTANGULAR LED LAMP
More results

Similar Description - L-493YX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L493IT ETC-L493IT Datasheet
143Kb / 5P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMPS
logo
Kingbright Corporation
WP483YDT KINGBRIGHT-WP483YDT_15 Datasheet
322Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483IDT KINGBRIGHT-WP483IDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483SRSGW KINGBRIGHT-WP483SRSGW Datasheet
263Kb / 7P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483YDT KINGBRIGHT-WP483YDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT_15 Datasheet
321Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483IDT KINGBRIGHT-WP483IDT_15 Datasheet
320Kb / 6P
   T-1 3/4(5mm) CYLINDRICAL LED LAMP
WP483EDT KINGBRIGHT-WP483EDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483HDT KINGBRIGHT-WP483HDT Datasheet
262Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
WP483GDT KINGBRIGHT-WP483GDT Datasheet
261Kb / 6P
   T-1 3/4 (5mm) CYLINDRICAL LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com