Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC151X01-C3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LC151X01-C3
Description  15.1 Title XGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC151X01-C3 Datasheet(HTML) 4 Page - NXP Semiconductors

  LC151X01-C3 Datasheet HTML 1Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 2Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 3Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 4Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 5Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 6Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 7Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 8Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Product Specification
4 / 27
LC151X01
Liquid Crystal Display
Ver. 0.2
Mar.06. 2002
1. General Description
The LC151X01 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp(CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element.
It is a transmissive type display operating in the normally white mode. This TFT-LCD has a 15.1 inch
diagonally measured active display area with XGA resolution (768 vertical by 1024 horizontal pixel array)
Each pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes.
Gray scale or the brightness of the sub-pixel color is determined with a 8-bit gray scale signal for each dot,
thus, presenting a palette of more than 16,2M colors with 6Bit FRC algorithm.
The LC151X01 has been designed to apply the 8Bit LVDS interface.
The LC151X01 is intended to support LCD TV, PCTV where high brightness, wide viewing angle,
high color saturation, and high color are important.
General Features
CN1
(20pin)
RGB,DLK,DE
Hsync,Vsync
(LVDS 1Port)
+5.0V
Power Circuit
Block
Source Driver Circuit
TFT - LCD Panel
(1024
RGB
768 pixels)
G1
S1
S1024
G768
Back light Assembly (4CCFL)
CN2,3(2pin)
RGB
Timing Controller
(LVDS Rx integrated)
CN4,5(2pin)
6bit FRC algorithm, 16,2 M colors
Color Depth
1024 horiz. By 768 vert. Pixels RGB strip arrangement
Pixel Format
400 cd/m2 (Center 1 points typ.)
Luminance, White
Total 18.7 Watt(Typ.)
Power Consumption
1,750 g (typ.)
Weight
Transmissive mode, normally white
Display Operating Mode
Hard coating(3H) & Anti-glare (Haze 13%) treatment of the front polarizer
Surface Treatment
0.300mm x 0.300mm
Pixel Pitch
352(H) x 263.5(V) x 18.0(D) mm(Typ.)
Outline Dimension
15.1 inches(38.4cm) diagonal
Active Screen Size


Similar Part No. - LC151X01-C3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC151 SEOUL-LC151 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC151 SEOUL-LC151 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC151X01-C3

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6121 AXIOMTEK-P6121 Datasheet
271Kb / 2P
   12.1 XGA TFT LED backlight LCD
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6101 AXIOMTEK-P6101 Datasheet
290Kb / 2P
   10.4 XGA TFT Industrial LCD Monitor
P6151 AXIOMTEK-P6151 Datasheet
184Kb / 2P
   15 TFT XGA LED backlight LCD
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com