Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC151X01-C3 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LC151X01-C3
Description  15.1 Title XGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LC151X01-C3 Datasheet(HTML) 1 Page - NXP Semiconductors

  LC151X01-C3 Datasheet HTML 1Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 2Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 3Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 4Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 5Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 6Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 7Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 8Page - NXP Semiconductors LC151X01-C3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Product Specification
1 / 27
LC151X01
Liquid Crystal Display
Ver. 0.2
Mar.06. 2002
SPECIFICATION
FOR
APPROVAL
15.1 XGA TFT LCD
Title
-
MODEL
BUYER
*When you obtain standard approval,
please use the above model name without suffix
LC151X01
*MODEL
C3
MODEL
LG.Philips LCD Co., Ltd.
SUPPLIER
Please return 1 copy for your confirmation with
your signature and comments.
/
/
/
DATE
SIGNATURE
MNT/TV Products Engineering Dept.
LG. Philips LCD Co., Ltd
O.H LEE / Engineer
C.O Chang / Engineer
PREPARED BY
J.H Park / Manager
REVIEWED BY
S.W Lee / G.Manager
DATE
SIGNATURE


Similar Part No. - LC151X01-C3

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC151 SEOUL-LC151 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC151 SEOUL-LC151 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC151 SEOUL-LC151 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC151X01-C3

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
logo
List of Unclassifed Man...
M150XN07 ETC2-M150XN07_07 Datasheet
506Kb / 29P
   15.0??XGA Color TFT-LCD Module
logo
AU Optronics Corp.,
M150XN07V.2 AUO-M150XN07V.2 Datasheet
511Kb / 29P
   15.0inch XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6121 AXIOMTEK-P6121 Datasheet
271Kb / 2P
   12.1 XGA TFT LED backlight LCD
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
logo
List of Unclassifed Man...
M150XN07 ETC-M150XN07 Datasheet
239Kb / 26P
   15.0??XGA Color TFT-LCD Module
logo
Axiomtek Co., Ltd.
P6101 AXIOMTEK-P6101 Datasheet
290Kb / 2P
   10.4 XGA TFT Industrial LCD Monitor
P6151 AXIOMTEK-P6151 Datasheet
184Kb / 2P
   15 TFT XGA LED backlight LCD
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com