Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC1622 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LC1622
Description  16 characters x 2 lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LC1622 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LC1622 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABSOLUTE MAXIMUM RATINGS
MECHANICAL DATA
=5V
â0.25V )
LCD PANEL
16 Characters x 2 Lines
Segment driver
LEDK
LEDA
DB7
DB0
RS
E
R/W
VDD
VO
SS
V
LED Backlight
Controller
LSI
LCD
KS0066
or Eqv.
40 SEG
16 COM
ELECTRICAL CHARACTERISTICS
BLOCK DIAGRAM
Input High Voltage
Input Low Voltage
Output Low Voltage
Output High Voltage
Supply Current
LCD Driving Voltage
Item
Item
Supply Voltage(Logic)
Input Voltage
Operating Temp.
Storage Temp.
Supply Voltage(LCD)
VIH
--
2.2
VOL
- V
DD
VDD
I
O
IL
OH
V
V
= - 0.2mA
= 1.2mA
OL
I
= 5.0V
Ta=25

DD
V
C
--
OH
I
0
--
--
- 0.3
2.4
Symbol
SS
O
Symbol
Tstg
V
VI
Topr
- V
DD
V- V
DD
-20
-30
( V
Test
Condition
DD
Min.
Min.
-0.3
-0.3
-0.3
11
DB4
H/L
Data Bus Line
LED BACKLIGHT SPECIFICATIONS (Ta=25

Symbol
Forward Voltage
Forward Current
Emission Wave Length
12
13
14
15
16
40 SEG
Item
DB7
LEDA
LEDK
DB5
DB6
H/L
--
--
H/L
H/L
Vf
4.05
4.25
V
240
568
λp
I f
--
--
mA
nm
LED Backlight Power Supply
Typ.
Max.
C)
Unit
--
VDD
V1
VSS
--
2
3
4
5
6
7
8
9
10
--
0.4
4.6
1.5
--
3.0
--
--
VDD
0.6
V
mA
V
V
V
DB1
DB2
DB3
DB0
E
H/L
H/L
H/L
H,H
H/L
_
>L
RS
R/W
V
VO
DD
H/L
H/L
--
--
PIN CONNECTIONS
Module Size( W x H x T )
Viewing Area( W x H )
Character Size( W x H )
Dot Size( W x H )
Weight
Pin
70
Max.
Typ.
80
Unit
C
+ 0.3
13.0
VDD
Max.
7.0
V
C
V
Unit
V
Symbol
Level
Item
GND ( 0V )
Supply Voltage for Logic(+5V)
L : Write
Enable Signal
LCD Driving Voltage
L : Instruction Code
H : Data
H : Read
Function
Nominal Dimensions
122.0 x 44.0 x 9.5
99.0 x 24.0
4.84 x 9.66
0.92 x 1.1
g
mm
mm
mm
Unit
mm
16 characters x 2 lines
LC1622


Similar Part No. - LC1622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
   16 characters x 2 lines
LC1625 ETC-LC1625 Datasheet
31Kb / 1P
   16 characters x 2 lines
More results

Similar Description - LC1622

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC1623 ETC-LC1623 Datasheet
34Kb / 1P
   16 characters x 2 lines
LC1625 ETC-LC1625 Datasheet
31Kb / 1P
   16 characters x 2 lines
SC1602A ETC-SC1602A Datasheet
106Kb / 1P
   16 CHARACTERS x 2 LINES
SC1602B ETC-SC1602B Datasheet
91Kb / 1P
   16 CHARACTERS x 2 LINES
logo
Rohm
RCM2228R-A ROHM-RCM2228R-A Datasheet
89Kb / 8P
   16 characters x 2 lines COG module
logo
List of Unclassifed Man...
GMD1620A ETC1-GMD1620A Datasheet
84Kb / 1P
   16 CHARACTERS X 2 LINES 1/16 DUTY
logo
Rohm
RCM2090R ROHM-RCM2090R Datasheet
174Kb / 8P
   16 characters x 2 lines COG module
logo
List of Unclassifed Man...
SD1602I ETC-SD1602I Datasheet
103Kb / 1P
   LCD MODULE (16 CHARACTERS X 2 LINES )
SC1602D ETC-SC1602D Datasheet
93Kb / 1P
   LCD MODULES 16 CHARACTERS x 2 LINES
LC1641 ETC1-LC1641 Datasheet
38Kb / 1P
   16 characters x 4 lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com