Electronic Components Datasheet Search |
|
LC151X01 Datasheet(PDF) 6 Page - NXP Semiconductors |
|
LC151X01 Datasheet(HTML) 6 Page - NXP Semiconductors |
6 / 27 page Product Specification 6 / 27 LC151X01 Liquid Crystal Display Ver. 0.2 Mar.06. 2002 3. Electrical Specifications 3-1. Electrical Characteristics The LC151X01 requires two power inputs. One is employed to power the LCD electronics and to drive the T FT array and liquid crystal. The second input power for the CCFL, is typically generated by an inverter. The inverter is an external unit to the LCDs. Table 2. ELECTRICAL CHARACTERISTICS Note : The design of the inverter must have specifications for the lamp in LCD Assembly. The performance of the Lamp in LCM, for example life time or brightness, is extremely influenced by the characteristics of the DC-AC inverter. So all the parameters of an inverter should be carefully designed so as not to produce too much leakage current from high-voltage output of the inverter. When you design or order the inverter, please make sure unwanted lighting caused by the mismatch of the lamp and the inverter (no lighting, flicker, etc) never occurs. When you confirm it, the LCD – Assembly should be operated in the same condition as installed in you instrument. 1. The specified current and power consumption are under the V CC=5.0V, 25 C,fV=60Hz condition whereas mosaic pattern(8 x 6) is displayed and f V is the frame frequency. 2. The duration of rush current is about 2ms and rising time of Power Input is 1ms(min.). 3. The variance of the voltage is ± 10%. 4. The voltage above V S should be applied to the lamps for more than 1 second for start-up. Otherwise, the lamps may not be turned on. The used lamp current is the lamp typical current. 5 Watt 19.0 17.3 PBL Power Consumption 6 Min 3 Ts Discharge Stabilization Time at 0 C at 25 C VRMS 1170 3 kHz 80 60 50 fBL Operating Frequency 4 Vs Established Starting Voltage VRMS 900 3 VRMS 660(3mA) 540(8mA) 520(9mA) VBL Operating Voltage mA 9.0 8.0 3.0 IBL Operating Current LAMP : 1 Watt 1.49 1.44 1.34 Pc Power Consumption 2 A 3.0 - - IRUSH Rush current Vdc 5.5 5.0 4.5 Vcc Power Supply Input Voltage 1 mA 330 287 244 Icc Power Supply Input Current 6 Hrs 50,000 Life Time MODULE : Parameter Symbol Max Typ Min Notes Unit Values |
Similar Part No. - LC151X01 |
|
Similar Description - LC151X01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |