Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH7A400N0B000 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH7A400N0B000
Description  32-Bit System-on-Chip
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH7A400N0B000 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH7A400N0B000 Datasheet HTML 2Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 3Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 4Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 5Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 6Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 7Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 8Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 9Page - Sharp Corporation LH7A400N0B000 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
LH7A400
32-Bit System-on-Chip
6
12/8/03
Preliminary Data Sheet
M13
L15
A2/SA0
• Asynchronous Address Bus
• Synchronous Address Bus
LOW
LOW
12 mA
K16
K12
A3/SA1
LOW
LOW
12 mA
K15
K13
A4/SA2
LOW
LOW
12 mA
K14
K16
A5/SA3
LOW
LOW
12 mA
J8
J13
A6/SA4
LOW
LOW
12 mA
J16
J11
A7/SA5
LOW
LOW
12 mA
J14
J16
A8/SA6
LOW
LOW
12 mA
J9
H15
A9/SA7
LOW
LOW
12 mA
H16
H10
A10/SA8
LOW
LOW
12 mA
H14
H12
A11/SA9
LOW
LOW
12 mA
G16
G15
A12/SA10
LOW
LOW
12 mA
G14
G10
A13/SA11
LOW
LOW
12 mA
G13
G11
A14/SA12
LOW
LOW
12 mA
F16
F16
A15/SA13
LOW
LOW
12 mA
F14
E16
A16/SB0
• Asynchronous Address Bus
• Synchronous Device Bank Address 0
LOW
LOW
12 mA
E16
F13
A17/SB1
• Asynchronous Address Bus
• Synchronous Device Bank Address 1
LOW
LOW
12 mA
E13
E14
A18
Asynchronous Address Bus
LOW
LOW
12 mA
F11
D15
A19
D15
C16
A20
C16
C15
A21
B16
C14
A22
A15
B15
A23
A13
E11
A24
G8
D8
A25/SCIO
• Asynchronous Memory Address Bus
• Smart Card Interface I/O (Data)
LOW: A25
LOW
12 mA
F8
B7
A26/SCCLK
• Asynchronous Memory Address Bus
• Smart Card Interface Clock
LOW: A26
LOW
12 mA
A8
A7
A27/SCRST
• Asynchronous Memory Address Bus
• Smart Card Interface Reset
LOW: A27
LOW
12 mA
D8
C8
nOE
Asynchronous Memory Output Enable
HIGH
HIGH
12 mA
C8
F8
nWE0
Asynchronous Memory Write Byte Enable 0
HIGH
HIGH
12 mA
D10
D9
nWE3
Asynchronous Memory Write Byte Enable 3
HIGH
HIGH
8 mA
B10
E9
CS6/SCKE1_2
• Asynchronous Memory Chip Select 6
• Synchronous Memory Clock Enable 1 OR 2
LOW: CS6
LOW
12 mA
C10
A10
CS7/SCKE0
• Asynchronous Memory Chip Select 7
• Synchronous Memory Clock Enable 0
LOW: CS7
LOW
12 mA
G9
A11
SCKE3
Synchronous Memory Clock Enable 3
LOW
LOW
12 mA
A10
B10
SCLK
Synchronous Memory Clock
LOW
LOW
20 mA
(sink)
12 mA
(source)
C14
C13
nSCS0
Synchronous Memory Chip Select 0
HIGH
HIGH
12 mA
D13
A15
nSCS1
Synchronous Memory Chip Select 1
HIGH
HIGH
12 mA
E11
D11
nSCS2
Synchronous Memory Chip Select 2
HIGH
HIGH
12 mA
A12
E10
nSCS3
Synchronous Memory Chip Select 3
HIGH
HIGH
12 mA
C12
A13
nSWE
Synchronous Memory Write Enable
HIGH
HIGH
12 mA
C11
B11
nCAS
Synchronous Memory Column Address
Strobe Signal
HIGH
HIGH
12 mA
Table 1. Functional Pin List (Cont’d)
PBGA
PIN
CABGA
PIN
SIGNAL
DESCRIPTION
RESET
STATE
STANDBY
STATE
OUTPUT
DRIVE


Similar Part No. - LH7A400N0B000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH7A400N0F000B3A NXP-LH7A400N0F000B3A Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0F000B5 NXP-LH7A400N0F000B5 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0F076B5 NXP-LH7A400N0F076B5 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
LH7A400N0G000B5 NXP-LH7A400N0G000B5 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
More results

Similar Description - LH7A400N0B000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH7A400 NXP-LH7A400 Datasheet
842Kb / 65P
   32-Bit System-on-Chip
Rev. 01-16 July 2007
logo
Sharp Corporation
SHARP_LH7A404 SHARP-SHARP_LH7A404 Datasheet
387Kb / 51P
   32 BIT SYSTEM ON CHIP
logo
NXP Semiconductors
LH7A404 NXP-LH7A404 Datasheet
1Mb / 75P
   32-Bit System-on-Chip
2007
logo
Sharp Corporation
LH79525 SHARP-LH79525 Datasheet
132Kb / 2P
   16/32-bit System-on-Chip with Color LCD Controller
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
Sharp Corporation
LH75400 SHARP-LH75400 Datasheet
1Mb / 69P
   System-on-Chip
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Renesas Technology Corp
EC-1 RENESAS-EC-1 Datasheet
758Kb / 58P
   On-chip 32-bit ARM Cortex-R4F processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com