Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7808C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM7808C
Description  Three-Terminal Positive Voltage Regulators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM7808C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM7808C Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LTO-DMS
LM7808C
Three-Terminal Positive Voltage Regulators
Features
* Output current at 1.0 Ampere
* No external components required
* Internal thermal overload protection
* Internal short-circuit current limiting
* Output voltage offered in 4% tolerance
Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
V1
30
V
Operating Ambient Temperature
PD
15
W
Operating Junction Temperature
TOPR
-20to+70
°C
Storage Temperature Range
TSTG
-55to+125
°C
Mechanical Data
* Case: TO-220AB Molded Plastic
* Terminals: Plated Lead Solderable per MIL-STD-202, Method 208
* Marking: Type Number
* Weight: 2.24 grams (approx)
LTO-DMS Semiconductor Corporation
1468, 86th Street, Brooklyn,
New York, 11228, USA
Tel: (718) 234 6010 / (707) 3223 4679
Fax:(718) 234 6013 / (707) 3223 6696
Dimensions
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NO
TE
A
0.570
0.620.
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.100
0.120
2.54
3.04
D
0.235
0.255
5.97
6.48
E
0.335
0.365
8.51
9.27
F
0.110
0.155
2.80
3.93
G
0.500
0.562
12.70
14.27
H
0.095
0.105
2.42
2.66
I
0.025
0.035
0.64
0.89
J
0.016
0.025
0.41
0.64
K
0.142
0.147
3.61
3.37
L
0.160
0.190
4.06
4.82
M
0.045
0.055
1.14
1.39
N
0.102 typ
2.6 typ
PIN1:INPUT
PIN2:GND
PIN3:OUTPUT
TO-220
Electrical Characteristics
Parameter
Sym
Min
Typ
Max
Test conditions
7.68V
8.0V
8.32V
Tj=25°C
Output Voltage
Vo
7.74V
8.26V
10.5V
V1
23V, 5mA
Io
1.0A
PD=15W
12mV
160mV
5mA Io 1.5A, Tj=25°C
Load Regulation
Vo
4.0mV
60mV
250mA Io 750mV, Tj=25°C
Line regulation
Vo
6.0mV
2.0mV
160mV
80mV
10.5V V1 25V, Tj=25°C
11V V1 17V, Tj=25°C
Quiescent Current
Iq
4.3mA
8.0mA
Tj=25°C,Io=0
Quiescent Current Change
Iq
1.0mA
0.5mA
10.5V V1 25V
5mA Io 1.0A
Output Noise Voltage
VN
52 V
10Hz f 100KHz, Tj=25°C
Ripple Rejection
RR
56dB
72dB
f=120Hz
Dropout Voltage
Vd
2.0V
Io=1.0A,Tj=25°C
Output Short Circuit Current
RO
16mohm
f=1.0KHz
Output Short Circuit Current
IOS
450mA
Tj=25°C
Peak Output Current
Iopeak
2.2A
Tj=25°C
Temperature Coefficient of Output voltage
VO/ Tj
1.8mV/°C
0°C V1 125°C, Io=5mA
Revision: 1
2002/06/17


Similar Part No. - LM7808C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM7808C TI1-LM7808C Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7808C TI1-LM7808C Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
logo
National Semiconductor ...
LM7808CK NSC-LM7808CK Datasheet
303Kb / 10P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM7808CK/NOPB TI1-LM7808CK/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
logo
National Semiconductor ...
LM7808CMDC NSC-LM7808CMDC Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
More results

Similar Description - LM7808C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05ACDT MCC-MC78M05ACDT Datasheet
168Kb / 3P
   Three-Terminal Positive Voltage Regulators
MC78M05CDT MCC-MC78M05CDT Datasheet
330Kb / 3P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com