Electronic Components Datasheet Search |
|
NTE6088 Datasheet(PDF) 1 Page - NTE Electronics |
|
NTE6088 Datasheet(HTML) 1 Page - NTE Electronics |
1 / 2 page NTE6088 Silicon Dual Schottky Rectifier Description: The NTE6086 is a silicon dual power rectifier in a TO220 type package designed using the Schottky Barrier principle with a platinum barrier metal. Features: D 20 Amps Total (10 Amps Pre Diode Leg) D Guarding for Stress Protection D Low Forward Voltage D +150°C Operating Junction Temperature D Guaranteed Reverse Avalanche Absolute Maximum Ratings (Per Diode Leg): Peak Repetitive Reverse Voltage, VRRM 100V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Working Peak Reverse Voltage, VRWM 100V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DC Blocking Voltage, VR 100V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Average Rectified Forward Current (VR = 100V, TC = +133°C), IF(AV) 10A . . . . . . . . . . . . . . . . . . . . . . Peak Repetitive Forward Current (VR = 100V, Square Wave, 20kHz, TC = +133°C), IFRM 20A . . . . Non–Repetitive Peak Surge Current, IFSM (Surge Applied at Rated Load Conditions, Halfwave, Single Phase, 60Hz) 150A . . . . . . . . . . Peak Repetitive Reverse Current (2 µs, 1kHz), IRRM 0.5A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Junction Temperature Range, TJ –65 ° to +150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –65 ° to +175°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage Rate of Change (VR = 100V), dv/dt 1000V/ µs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance, Junction–to–Case, RthJC 2 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Thermal Resistance, Junction–to–Ambient, RthJA 60 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics (Per Diode Leg): (Note 1) Parameter Symbol Test Conditions Min Typ Max Unit Instantaneous Forward Voltage vF iF = 10A, TC = +125°C – – 0.70 V iF = 10A, TC = +25°C – – 0.80 V iF = 20A, TC = +125°C – – 0.85 V iF = 20A, TC = +25°C – – 0.95 V Instantaneous Reverse Current iR VR = 100V, TC = +125°C – – 150 mA VR = 100V, TC = +25°C – – 0.15 mA Note 1. Pulse Test: Pulse Width = 300 µs, Duty Cycle ≤ 2%. |
Similar Part No. - NTE6088 |
|
Similar Description - NTE6088 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |