Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTS4301G Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTS4301G
Description  0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTS4301G Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTS4301G Datasheet HTML 1Page - Lite-On Technology Corporation LTS4301G Datasheet HTML 2Page - Lite-On Technology Corporation LTS4301G Datasheet HTML 3Page - Lite-On Technology Corporation LTS4301G Datasheet HTML 4Page - Lite-On Technology Corporation LTS4301G Datasheet HTML 5Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
  
 

  
 !"#$



;-9..5/2-9 -1-2
@
&
-/C$9;/90799-2-9 -1-2
72663-:.73.-&02


277.$9;/90799-2-9 -1-2
-9/21-/9$9= -9 -1-2
=



-4-9.-*32/1--9 -1-2

*
5-9/21-5-9/279-/1-
2DA
29/1--5-9/279-/1-
2DA
30-9-5-9/279-/E=? 9/E.-/2?F?G<-3;.-/2153/-
%&!"#$

       
4-9/1-77.!2-.26
!
A ==
µ0
!H
-/C..&/4-3-12
λ5
?

!H=
5-29/3-"/3 &02
∆λ


!H=
/2&/4-3-12
λ0
?B

!H=
$9;/90*32/1--9 -1-2
*
=
=?
*
!H=
-4-9.-799-2-9 -1-2
!

µ*H*
77.!2-.26%/21/2
! 
=
!H
2- 77. 2-.26 . -/.79-0 ;2 / 312 .-.9 /0 32-9 </2 2/2
/559E/2-.2-!.!2-9/2/3--I3/9/1- -6- 9-.5.-794-


Similar Part No. - LTS4301G

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LTS4.5MCB TOKEN-LTS4.5MCB Datasheet
303Kb / 3P
   LTS MCB/MDB Ceramic Filters
logo
Transko Electronics, In...
LTS4.5MCB TRANSKO-LTS4.5MCB Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
logo
Token Electronics Indus...
LTS4.5MCBP TOKEN-LTS4.5MCBP Datasheet
303Kb / 3P
   LTS MCB/MDB Ceramic Filters
LTS4.5MDB TOKEN-LTS4.5MDB Datasheet
303Kb / 3P
   LTS MCB/MDB Ceramic Filters
logo
Transko Electronics, In...
LTS4.5MDB TRANSKO-LTS4.5MDB Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LTS4301G

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS4801G LITEON-LTS4801G Datasheet
128Kb / 5P
   0.4 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
logo
LUMEX INC.
LDS-A402RI LUMEX-LDS-A402RI Datasheet
70Kb / 1P
   0.4 SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
Lite-On Technology Corp...
LTC-4625G LITEON-LTC-4625G Datasheet
390Kb / 6P
   0.4 inch (10 mm) digit height quadruple digit seven-segment display
LTS2301AP LITEON-LTS2301AP Datasheet
121Kb / 5P
   0.28 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS-546AHR LITEON-LTS-546AHR Datasheet
128Kb / 5P
   0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS547AP LITEON-LTS547AP Datasheet
128Kb / 5P
   0.52 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
LTS367G LITEON-LTS367G Datasheet
124Kb / 5P
   0.36 INCH DIGIT HEIGHT SINGLE DIGIT SEVEN SEGMENT DISPLAY
logo
NTE Electronics
NTE3068 NTE-NTE3068 Datasheet
23Kb / 3P
   0.4??Single Digit Numeric Display Seven Segment, RHDP
logo
Lite-On Technology Corp...
LTS-547AG LITEON-LTS-547AG Datasheet
130Kb / 5P
   0.52 inch (13.2mm) digit height single digit seven-segment display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com