Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1672-03CPW Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX1672-03CPW
Description  Multiple Output LoadSHARE PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1672-03CPW Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX1672-03CPW Datasheet HTML 7Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 8Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 9Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 10Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 11Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 12Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 13Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 14Page - Microsemi Corporation LX1672-03CPW Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 2000
Rev. 0.3m, 2005-04-12
LX1672
Multiple Output LoadSHARE™ PWM
PRELIMINARY DATA SHEET
TM
®
TH EORY OF O PERAT ION (C ON TINUE D )
BI-PHASE, LOADSHARE ( ESR METHOD)
The first method is to change the ratio of the inductors
equivalent series resistance, (ESR). As can be seen in the previous
example, if the offset error is zero and the ESR of the two
inductors are identical, then the two inductor currents will be
identical.
To change the ratio of current between the two
inductors, the value of the inductor’s ESR can be changed to allow
more current to flow through one inductor than the other. The
inductor with the lower ESR value will have the larger current.
The inductor currents are directly proportional to the ratio of the
inductor’s ESR value.
The following circuit description shows how to select the
inductor ESR for each phase where a different amount of power is
taken from two different input power supplies. A typical setup will
have a +5V power supply connected to the phase 1 half bridge
driver and a +3.3V power supply connected to the phase 2 half
bridge driver. The combined power output for this core voltage is
18W (+1.5V @ 12A). For this example the +5V power supply will
supply 7W and the +3.3V power supply will supply the other 11W.
7W @ 1.5V is a 4.67A current through the phase 1 inductor. 11W
@ 1.5V is a 7.33A current through the phase 2 inductor.
The
ratio of inductor ESR is inversely proportional to the power level
split.
1
2
2
1
I
I
ESR
ESR
=
The higher current inductor will have the lower ESR value. If
the ESR of the phase 1 inductor is selected as 10mΩ, then the ESR
value of the phase 2 inductor is calculated as:
mΩ
4
.
6
mΩ
10
33
.
7
67
.
4
=
×
A
A
Depending on the required accuracy of this power sharing;
inductors can be chosen from standard vendor tables with an ESR
ratio close to the required values. Inductors can also be designed
for a given application so that there is the least amount of
compromise in the inductor’s performance.
1.5V @ 12A
18W
6.4mΩ
4.67A
7.33A
10mΩ
1.5V +
46.7mV
L1
L2
+5V @ 7W
+3.3V @ 11W
VOUT
Figure 7
– Ratio LoadSHARE Using Inductor ESR
BI-PHASE, LOADSHARE ( FEEDBACK DIVIDER METHOD)
Sometimes it is desirable to use the same inductor in both phases
while having a much larger current in one phase versus the other. A
simple resistor divider can be used on the input side of the Low Pass
Filter that is taken off of the switching side of the inductors. If the
Phase 2 current is to be larger than the current in Phase 1; the resistor
divider is placed in the feedback path before the Low Pass Filter that
is connected to the Phase 2 inductor. If the Phase 2 current needs to
be less than the current in Phase 1; the resistor divider is then placed
in the feedback path before the Low Pass Filter that is connected to
the Phase 1 inductor.
As in Figure 7, the millivolts of DC offset created by the resistor
divider network in the feedback path, appears as a voltage generator
between the ESR of the two inductors.
A divider in the feedback path from Phase 2 will cause the
voltage generator to be positive at Phase 2. With a divider in the
feedback path of Phase 1 the voltage generator becomes positive at
Phase 1. The Phase with the positive side of the voltage generator
will have the larger current. Systems that operate continuously
above a 30% power level can use this method, a down side is that
that the current difference between the two inductors still flows
during a no load condition.
This produces a low efficiency condition during a no load or light
load state, this method should not be used if a wide range of output
power is required.
The following description and Figure 8 show how to determine
the value of the resistor divider network required to generate the
offset voltage necessary to produce the different current ratio in the
two output inductors. The power sharing ratio is the same as that of
Figure 7. The Offset Voltage Generator is symbolic for the DC
voltage offset between Phase 1 & 2. This voltage is generated by
small changes in the duty cycle of Phase 2. The output of the LPF is
a DC voltage proportional to the duty cycle on its input. A small
amount of attenuation by a resistor divider before the LPF of Phase 2
will cause the duty cycle of Phase 2 to increase to produce the added
offset at V2. The high DC gain of the error amplifier will force
LPF2 to always be equal to LPF1. The following calculations
determine the value of the resistor divider necessary to satisfy this
example.


Similar Part No. - LX1672-03CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1672-03CPW MICROSEMI-LX1672-03CPW Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
LX1672-03CPW-TR MICROSEMI-LX1672-03CPW-TR Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
More results

Similar Description - LX1672-03CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672_0508 MICROSEMI-LX1672_0508 Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
LX1675 MICROSEMI-LX1675 Datasheet
324Kb / 19P
   Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
SMSC Corporation
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
NXP Semiconductors
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com