Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1672-05CPW Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1672-05CPW
Description  Multiple Output LoadSHARE PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1672-05CPW Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1672-05CPW Datasheet HTML 6Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 7Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 8Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 9Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 10Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 11Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 12Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 13Page - Microsemi Corporation LX1672-05CPW Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2000
Rev. 0.3m, 2005-04-12
LX1672
Multiple Output LoadSHARE™ PWM
PRELIMINARY DATA SHEET
TM
®
TH EORY OF O PERAT ION
GENERAL DESCRIPTION
The LX1672 is a voltage-mode pulse-width modulation
controller integrated circuit.
The internal
ramp generator
frequency is fixed to 300kHz.
The device has external
compensation, for more flexibility of output current magnitude.
UNDER VOLTAGE LOCKOUT (UVLO)
At power up, the LX1672 monitors the supply voltage for
VCC, VCCL, and VCX (there is no requirement for sequencing
the supplies). Before all supplies reach their under-voltage lock-
out (UVLO) thresholds, the soft-start (SS) pin is held low to
prevent soft-start from beginning, the oscillator is disabled and
all MOSFETs are held off. There is an internal delay that will
filter out transients less that 1.5uSec.
SOFT-START
Once the supplies are above the UVLO threshold, the soft-start
capacitor begins to be charged by the reference through a 20kΩ
internal resistor. The capacitor voltage at the SS pin rises as a
simple RC circuit.
The SS pin is connected to the error
amplifier’s non-inverting input that controls the output voltage.
The output voltage will follow the SS pin voltage if sufficient
charging current is provided to the output capacitor.
The simple RC soft-start allows the output to rise faster at the
beginning and slower at the end of the soft-start interval. Thus,
the required charging current into the output capacitor is less at
the end of the soft-start interval. A comparator monitors the SS
pin voltage and indicates the end of soft-start when SS pin
voltage reaches 95% of VREF.
OVER-CURRENT PROTECTION (OCP) AND HICCUP
The LX1672 uses the RDS(ON) of the upper MOSFET, together
with a resistor (RSET) to set the actual current limit point. The
current sense comparator senses the MOSFET current 350nS
after the top MOSFET is switched on in order to reduce
inaccuracies due to ringing. A current source supplies a current
(ISET), whose magnitude is 50µA. The set resistor RSET is
selected to set the current limit for the application. RSET and VSX
should be connected directly at the upper MOSFET drain and
source to get an accurate measurement across the low resistance
RDS(ON).
When the sensed voltage across RDS(ON) plus the set resistor
exceeds the 300mV, VTRIP threshold, the OCP comparator outputs
a signal to reset the PWM latch and to start hiccup mode. The
soft-start capacitor (CSS) is discharged slowly (10 times slower
than when being charged up by RSS). When the voltage on the SS
pin reaches a 0.1V threshold, hiccup finishes and the circuit soft-
starts again. During hiccup both MOSFETs for that phase are
held off.
Hiccup is disabled during the soft-start interval, allowing start
up with maximum current. If the rate of rise of the output voltage
is too fast, the required charging current to the output capacitor
may be higher than the limit-current.
In this case, the peak
MOSFET current is regulated to the limit-current by the current-
sense comparator. If the MOSFET current still reaches its limit
after the soft-start finishes, the hiccup is triggered again. When the
output has a short circuit the hiccup circuit ensures that the
average heat generation in both MOSFETs and the average current
is much less than in normal operation,.
Over-current protection can also be implemented using a sense
resistor, instead of using the RDS(ON) of the upper MOSFET, for
greater set-point accuracy.
OSCILLATOR FREQUENCY
An internal oscillator sets the PWM switching frequency at
300KHz, 500KHz or 600KHz.
THEORY OF OPERATION FOR A BI-PHASE, LOADSHARE
CONFIGURATION
The basic principle used in LoadSHARING, in a multiple phase
buck converter topology is that if multiple, identical, inductors
have the same identical voltage impressed across their leads, they
must then have the same identical current passing through them.
The current that we would like to balance between inductors is
mainly the DC component along with as much as possible the
transient current. All inductors in a multiphase buck converter
topology have their output side tied together at the output filter
capacitors. Therefore this side of all the inductors have the same
identical voltage.
If the input side of the inductors can be forced to have the same
equivalent DC potential on this lead, then they will have the same
DC current flowing. To achieve this requirement, phase 1 will be
the control phase that sets the output operating voltage, under
normal PWM operation. To force the current of phase 2 to be
equal to the current of phase 1, a second feedback loop is used.
Phase 2 has a low pass filter connected from the input side of each
inductor. This side of the inductors has a square wave signal that
is proportional to its duty cycle. The output of each LPF is a DC
(+ some AC) signal that is proportional to the magnitude and duty
cycle of its respective inductor signal. The second feedback loop
will use the output of the phase 1 LPF as a reference signal for an
error amplifier that will compare this reference to the output of the
phase 2 LPF. This error signal will be amplified and used to
control the PWM circuit of phase 2. Therefore, the duty cycle of
phase 2 will be set so that the equivalent voltage potential will be
forced across the phase 2 inductor as compared to the phase 1
inductor. This will force the current in the phase 2 inductor to
follow and be equal to the current in the phase 1 inductor.
There are four methods that can be used to implement the
LoadSHARE feature of the LX1672 in the Bi-Phase mode of
operation.


Similar Part No. - LX1672-05CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1672-05CPW MICROSEMI-LX1672-05CPW Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
LX1672-05CPW-TR MICROSEMI-LX1672-05CPW-TR Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
More results

Similar Description - LX1672-05CPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1671 MICROSEMI-LX1671_06 Datasheet
425Kb / 21P
   Multiple Output LoadSHARE PWM
LX1671 MICROSEMI-LX1671 Datasheet
447Kb / 21P
   Multiple Output LoadSHARE PWM
LX1672_0508 MICROSEMI-LX1672_0508 Datasheet
387Kb / 20P
   Multiple Output LoadSHARE PWM TM
LX1675 MICROSEMI-LX1675 Datasheet
324Kb / 19P
   Multiple Output LoadSHARE??PWM PRODUCTION DATA SHEET
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
   Current-Mode PWM Multiple Output Flyback Converter
logo
Sumida Corporation
EEH1713 SUMIDA-EEH1713 Datasheet
278Kb / 1P
   Multiple Output Transformer
logo
SMSC Corporation
EMC2303 SMSC-EMC2303 Datasheet
796Kb / 51P
   Multiple RPM-Based PWM Fan Controller
logo
Semtech Corporation
SC4806 SEMTECH-SC4806 Datasheet
473Kb / 22P
   Multiple Function Double Ended PWM Controller
logo
Power-One
MPB125-2003 POWER-ONE-MPB125-2003 Datasheet
177Kb / 9P
   Multiple-Output AC-DC
logo
NXP Semiconductors
TDA3601Q PHILIPS-TDA3601Q Datasheet
84Kb / 12P
   Multiple output voltage regulators
1995 Dec 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com