Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX2202CLQ Datasheet(PDF) 11 Page - Microsemi Corporation

Part # LX2202CLQ
Description  2A Li-Ion Linear Charger and Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX2202CLQ Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button LX2202CLQ Datasheet HTML 4Page - Microsemi Corporation LX2202CLQ Datasheet HTML 5Page - Microsemi Corporation LX2202CLQ Datasheet HTML 6Page - Microsemi Corporation LX2202CLQ Datasheet HTML 7Page - Microsemi Corporation LX2202CLQ Datasheet HTML 8Page - Microsemi Corporation LX2202CLQ Datasheet HTML 9Page - Microsemi Corporation LX2202CLQ Datasheet HTML 10Page - Microsemi Corporation LX2202CLQ Datasheet HTML 11Page - Microsemi Corporation LX2202CLQ Datasheet HTML 12Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LX2202
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 11
Copyright
© 2004
Rev. 1.0, 2005-03-18
2A Li-Ion Linear Charger and Power Control
TM
®
PACKAGE DI MENSI ONS
LQ 20-Pin MLPQ Plastic 4x4mm (114x114DAP)
E
A
e
b
E2
D2
L
D
A3
A1
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0.000
0.002
A3
0.20 REF
0.008 REF
b
0.18
0.30
0.007
0.088
D
4.00 BSC
0.157 BSC
D2
2.59
2.79
0.102
0.110
E
4.00 BSC
0.157 BSC
E2
2.59
2.79
0.102
0.110
e
0.50 BSC
0.019 BSC
L
0.30
0.50
0.011
0.019


Similar Part No. - LX2202CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202CLQ MICROSEMI-LX2202CLQ Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
LX2202CLQ-TR MICROSEMI-LX2202CLQ-TR Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
More results

Similar Description - LX2202CLQ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2202 MICROSEMI-LX2202_06 Datasheet
193Kb / 12P
   TM 2A Li-Ion Linear Charger and Power Control
logo
Linear Technology
LTC4055 LINER-LTC4055 Datasheet
283Kb / 24P
   USB Power Controller and Li-Ion Linear Charger
logo
Shenzhenshi YONGFUKANG ...
TP4055 YONGFUKANG-TP4055 Datasheet
277Kb / 12P
   Linear Li-Ion Battery Charger
logo
E-CMOS Corporation
EXT9502 E-CMOS-EXT9502 Datasheet
1Mb / 6P
   Linear Li-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8001 SHOUDING-SD8001 Datasheet
1Mb / 11P
   Linear Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4040DR HMSEMI-HM4040DR Datasheet
339Kb / 5P
   Linear Li-ion battery charger
HM4056F HMSEMI-HM4056F Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
HM4056G HMSEMI-HM4056G Datasheet
2Mb / 12P
   Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
   2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
   2A Synchronous Buck Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com