Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4AGSW4 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MA4AGSW4
Description  AIGAAS SP4T PIN DIODE SWITCH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW4 Datasheet(HTML) 4 Page - Tyco Electronics

  MA4AGSW4 Datasheet HTML 1Page - Tyco Electronics MA4AGSW4 Datasheet HTML 2Page - Tyco Electronics MA4AGSW4 Datasheet HTML 3Page - Tyco Electronics MA4AGSW4 Datasheet HTML 4Page - Tyco Electronics MA4AGSW4 Datasheet HTML 5Page - Tyco Electronics MA4AGSW4 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AlGaAs SP4T PIN Diode Switch
MA4AGSW4
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
4
Microwave and Millimeter Wave Performance (cont’d)
TYPICAL INPUT RETURN LOSS @ -10 mA
-40
-35
-30
-25
-20
-15
-10
-5
0
0.00
10.00
20.00
30.00
40.00
50.00
FREQUENCY ( GHz )
J3 & J4
J2 & J5
TYPICAL OUTPUT RETURN LOSS @ -10 mA
-40
-35
-30
-25
-20
-15
-10
-5
0
0.00
10.00
20.00
30.00
40.00
50.00
FREQUENCY ( GHz )
J3 & J4
J2 & J5


Similar Part No. - MA4AGSW4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
   SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
124Kb / 7P
   SP4T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
   SP4T AlGaAs PIN Diode Switch
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
   SP4T AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
   SP4T AlGaAs PIN Diode Switch
logo
Tyco Electronics
MA4SW410 MACOM-MA4SW410 Datasheet
199Kb / 6P
   SP4T Monolithic PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
   SP4T AlGaAs PIN Diode Switch
logo
Tyco Electronics
MASW-004100 MACOM-MASW-004100 Datasheet
237Kb / 6P
   Monolithic PIN SP4T Diode Switch
MA4AGSW900-287T MACOM-MA4AGSW900-287T Datasheet
134Kb / 5P
   AIGaAs PIN Diode High Isolation SPST Switch
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
   HMICTM Silicon PIN Diode SP4T Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
   HMIC??Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
   HMIC??SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410_14 Datasheet
810Kb / 6P
   HMIC Silicon SP4T PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
   HMIC SP4T Silicon PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com