Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M5M29GB640C3BXAI-12 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M5M29GB640C3BXAI-12
Description  3.3V ONLY FLASHMEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

M5M29GB640C3BXAI-12 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M5M29GB640C3BXAI-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 8Page - List of Unclassifed Manufacturers M5M29GB640C3BXAI-12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
5
P/N:PM0900
M5M29GB640VP
REV. 0.3, NOV. 21, 2002
Table 1. Pin Description
Symbol
Type
Description and Function
A0-A21
input
Address inputs for memory address. Data pin float to high-impedance when the chip is
deselected or outputs are disable. Addresses are internally latched during a write or
erase cycle.
DQ0-DQ15
input/output
Data inputs/outputs: Inputs array data on the second CE and WE cycle during a pro-
gram command. Data is internally latched. Outputs array and configuration data. The
data pin float to tri-state when the chip is de-selected.
CE
input
Activates the device's control logic, input buffers, and sense amplifiers. CE high de-
selects the memory device and reduce power consumption to standby level. CE is
active low.
RP
input
Reset Deep Power Down: when RP=VIL, the device is in reset/deep power down mode,
which drives the outputs to High Z, resets the WSM and minimizes current level.
When RP=VIH, the device is normal operation. When RP transition the device defaults
to the read array mode.
WE
input
Write Enable: to control write to CUI and array sector. WR=VIL becomes active. The
data and address is latched WE on the rising edge of the second WE pulse.
OE
input
Output enable: gates the device's outputs during a real cycle.
WP
input
Write protect: when WP is VIL, the boot sectors cannot be written or erased. When WP
is VIH, locked boot sectors cannot be written or erase. WP is not affected parameter
and main sectors.
VCC
supply
Device power supply: (2.7V~3.6V).
VCCQ
input
I/O Power Supply: supplies for input/output buffers. (Refer to section 6.2.6)
GND
supply
Ground voltage: all the GND pin shall not be connected.


Similar Part No. - M5M29GB640C3BXAI-12

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB160BVP MITSUBISHI-M5M29GB160BVP Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB160BWG MITSUBISHI-M5M29GB160BWG Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB160BWG MITSUBISHI-M5M29GB160BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29GB161BVP MITSUBISHI-M5M29GB161BVP Datasheet
240Kb / 25P
   16,777,216-BIT (2097,152-WORD BY 8-BIT / 1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
More results

Similar Description - M5M29GB640C3BXAI-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M5M29KB RENESAS-M5M29KB Datasheet
285Kb / 32P
   CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
logo
Mitsubishi Electric Sem...
M6MF16S2AVP MITSUBISHI-M6MF16S2AVP Datasheet
1Mb / 21P
   CMOS 3.3V-ONLY FLASH MEMORY & CMOS STATIC RAM STACKED-MCP
logo
List of Unclassifed Man...
IM29LV001T ETC1-IM29LV001T Datasheet
96Kb / 14P
   1 M Bit (128K x 8) 3.3V-Only Flash Memory
logo
Mitsubishi Electric Sem...
M6MGB162S4BVP MITSUBISHI-M6MGB162S4BVP Datasheet
243Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S4BWG MITSUBISHI-M6MGB166S4BWG Datasheet
264Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB162S2BVP MITSUBISHI-M6MGB162S2BVP Datasheet
247Kb / 29P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M6MGB166S2BWG MITSUBISHI-M6MGB166S2BWG Datasheet
257Kb / 30P
   16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY
M5M29GB161BWG MITSUBISHI-M5M29GB161BWG Datasheet
213Kb / 23P
   16,777,216-BIT (1048,576-WORD BY16-BIT) CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
M5M29F25611VP MITSUBISHI-M5M29F25611VP Datasheet
499Kb / 36P
   MORE THAN 16,057 SECTORS (271,299,072 BITS) CMOS 3.3V-ONLY SERIAL READ FLASH MEMORY
M6MFB16S2TP MITSUBISHI-M6MFB16S2TP Datasheet
1Mb / 21P
   16777216-BIT(2M x 8-BIT/1Mx 16-BIT) CMOS 3.3V-ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com