Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1992ETG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1992ETG
Description  Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1992ETG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1992ETG Datasheet HTML 2Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 3Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 4Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 5Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 6Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 7Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 8Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 9Page - Maxim Integrated Products MAX1992ETG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = SHDN = 5V, SKIP = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Minimum Off-Time
tOFF(MIN)
(Note 3)
500
ns
FB forced above the regulation point,
LSAT = GND
0.85
Quiescent Supply Current (VCC)
ICC
FB forced above the regulation point,
VLSAT > 0.5V
1.0
mA
Quiescent Supply Current (VDD)
IDD
FB forced above the regulation point
5
µA
Quiescent Supply Current (V+)
IV+
40
µA
Shutdown Supply Current (VCC)
SHDN = GND
7
µA
Shutdown Supply Current (VDD)
SHDN = GND
5
µA
Shutdown Supply Current (V+)
SHDN = GND, V+ = 28V,
VCC = VDD = 0 or 5V
5µA
REFERENCE
Reference Voltage
VREF
VCC = 4.5V to 5.5V, IREF = 0
1.980
2.020
V
REFIN Voltage Range
0.7
VREF
V
FAULT DETECTION
Overvoltage Trip Threshold
With respect to error comparator threshold,
OVP/UVP = VCC
10
20
%
Output Undervoltage Protection
Trip Threshold
With respect to error comparator threshold,
OVP/UVP = VCC
65
75
%
PGOOD Lower Trip Threshold
With respect to error comparator threshold,
hysteresis = 1%
-14
-6
%
PGOOD Upper Trip Threshold
With respect to error comparator threshold,
hysteresis = 1%
+6
+14
%
VCC Undervoltage Lockout
Threshold
VUVLO(VCC)
Rising edge, PWM disabled below this level
hysteresis = 20mV
4.1
4.4
V
CURRENT LIMIT
CSP
0
2.7
Current-Limit Input Range
CSN
-0.3
+28.0
V
Valley Current-Limit Threshold
(Fixed)
VLIM(VAL)
VCSP - VCSN, ILIM = VCC
35
65
mV
Valley Current-Limit Threshold
(Adjustable)
VLIM(VAL)
VCSP - VCSN, VILIM = 2.00V
160
240
mV


Similar Part No. - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1992ETG MAXIM-MAX1992ETG Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG++ MAXIM-MAX1992ETG+ Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
More results

Similar Description - MAX1992ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1540 MAXIM-MAX1540 Datasheet
834Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 2; 1/05
MAX1540AETJ MAXIM-MAX1540AETJ Datasheet
780Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1540A MAXIM-MAX1540A Datasheet
774Kb / 49P
   Dual Step-Down Controllers with Saturation Protection, Dynamic Output, and Linear Regulator
Rev 3; 2/07
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com