Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4627EUK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4627EUK
Description  PLASTIC ENCAPSULATED DEVICES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4627EUK Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4627EUK Datasheet HTML 1Page - Maxim Integrated Products MAX4627EUK Datasheet HTML 2Page - Maxim Integrated Products MAX4627EUK Datasheet HTML 3Page - Maxim Integrated Products MAX4627EUK Datasheet HTML 4Page - Maxim Integrated Products MAX4627EUK Datasheet HTML 5Page - Maxim Integrated Products MAX4627EUK Datasheet HTML 6Page - Maxim Integrated Products MAX4627EUK Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
V. Quality Assurance Information
A. Quality Assurance Contacts:
Jim Pedicord (Reliability Lab Manager)
Bryan Preeshl (Executive Director of QA)
Kenneth Huening (Vice President)
B. Outgoing Inspection Level: 0.1% for all electrical parameters guaranteed by the Datasheet.
0.1% For all Visual Defects.
C. Observed Outgoing Defect Rate: < 50 ppm
D. Sampling Plan: Mil-Std-105D
VI. Reliability Evaluation
A. Accelerated Life Test
The results of the 135
°C biased (static) life test are shown in Table 1. Using these results, the Failure
Rate (
λ) is calculated as follows:
λ =
1
=
4.04
(Chi square value for MTTF upper limit)
MTTF
192 x 4389 x 160 x 2
Thermal acceleration factor assuming a 0.8eV activation energy
λ = 14.98 x 10-9
λ= 14.98 F.I.T. (60% confidence level @ 25°C)
This low failure rate represents data collected from Maxim’s reliability qualification and monitor programs.
Maxim also performs weekly Burn-In on samples from production to assure the reliability of its processes. The
reliability required for lots which receive a burn-in qualification is 59 F.I.T. at a 60% confidence level, which equates
to 3 failures in an 80 piece sample. Maxim performs failure analysis on lots exceeding this level. Maxim also
performs 1000 hour life test monitors quarterly for each process. This data is published in the Product Reliability
Report (RR-1L).
B. Moisture Resistance Tests
Maxim evaluates pressure pot stress from every assembly process during qualification of each new
design.
Pressure Pot testing must pass a 20% LTPD for acceptance.
Additionally, industry standard
85
°C/85%RH or HAST tests are performed quarterly per device/package family.
C. E.S.D. and Latch-Up Testing
The AH25Z-3Z die type has been found to have all pins able to withstand a transient pulse of
±1000V, per
Mil-Std-883 Method 3015 (reference attached ESD Test Circuit).
Latch-Up testing has shown that this device
withstands a current of
±250mA and/or ±20V.


Similar Part No. - MAX4627EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4627EUK+T MAXIM-MAX4627EUK+T Datasheet
688Kb / 9P
   0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
MAX4627EUK-T MAXIM-MAX4627EUK-T Datasheet
143Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
MAX4627EUK-T MAXIM-MAX4627EUK-T Datasheet
142Kb / 8P
   0.5?? Low-Voltage, Single-Supply SPST Analog Switches
Rev 0; 1/00
More results

Similar Description - MAX4627EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
MAX1818EUAT MAXIM-MAX1818EUAT Datasheet
96Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A November 12, 2002
MAX4007EUT MAXIM-MAX4007EUT Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A April 28, 2003
MAX6713ZEXS MAXIM-MAX6713ZEXS Datasheet
58Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A December 17, 2001
MAX9018AEKA MAXIM-MAX9018AEKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX1546ETL MAXIM-MAX1546ETL Datasheet
123Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 8, 2003
MAX1951ESA MAXIM-MAX1951ESA Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 14, 2003
MAX8546EUB MAXIM-MAX8546EUB Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A August 9, 2003
MAX6101EUR MAXIM-MAX6101EUR Datasheet
92Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 14, 2003
MAX6900ETT MAXIM-MAX6900ETT Datasheet
47Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A May 13, 2003
MAX3801UGG MAXIM-MAX3801UGG Datasheet
68Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com