Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84SD23280E-70PBS Datasheet(PDF) 7 Page - SPANSION

Part # MB84SD23280E-70PBS
Description  64M (X16) FLASH MEMORY 8M (X16) SRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MB84SD23280E-70PBS Datasheet(HTML) 7 Page - SPANSION

Back Button MB84SD23280E-70PBS Datasheet HTML 3Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 4Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 5Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 6Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 7Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 8Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 9Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 10Page - SPANSION MB84SD23280E-70PBS Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
MB84SD23280FA/MB84SD23280FE-70
6
s
s
s
s ABSOLUTE MAXIMUM RATINGS
* : Minimum DC voltage on input or l/O pins are –0.5 V. During voltage transitions, inputs may negative overshoot
VSS to –2.0 V for periods of up to 20 ns. Maximum DC voltage on input and l/O pins are VCC +0.5 V. During voltage
transitions, outputs may positive overshoot to VCC +2.0 V for periods of up to 20 ns.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s
s
s
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
−40
+125
°C
Ambient Temperature with Power Applied
TA
−30
+85
°C
Voltage with Respect to Ground All pins *
VIN
−0.3
VCCf
+ 0.1
V
VOUT
−0.3
VCCs
+ 0.1
V
VCCf Supply *
VCCf
−0.2
+2.5
V
VCCs Supply *
VCCs
−0.5
+2.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
TA
−30
+85
°C
VCCf Supply Voltages
VCCf
+1.65
+1.95
V
VCCs Supply Voltages
VCCs
+1.65
+1.95
V


Similar Part No. - MB84SD23280E-70PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84SF6H6H6L2-70 SPANSION-MB84SF6H6H6L2-70 Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
MB84SF6H6H6L2-70PBS SPANSION-MB84SF6H6H6L2-70PBS Datasheet
2Mb / 100P
   3 Stacked MCP (Multi-Chip Package) FLASH & FLASH & FCRAM 128M (X16) Burst FLASH MEMORY & 128M (X16) Page/Burst Mobile FCRAM
More results

Similar Description - MB84SD23280E-70PBS

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LRS1387 SHARP-LRS1387 Datasheet
3Mb / 43P
   64M (X16) FLASH 8M (X16) SRAM
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
LRS1383C SHARP-LRS1383C Datasheet
3Mb / 54P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
logo
SPANSION
MB84VD23280FA SPANSION-MB84VD23280FA Datasheet
792Kb / 49P
   64M (X8/X16) FLASH MEMORY & 8M (X8/X16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD23280EA FUJITSU-MB84VD23280EA Datasheet
771Kb / 45P
   64M (x8/x16) FLASH MEMORY & 8M (x8/x16) STATIC RAM
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
   64M (x16) Flash Memory
logo
SPANSION
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
logo
Sharp Corporation
LH28F800BJHE-PBTL90 SHARP-LH28F800BJHE-PBTL90 Datasheet
682Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJHB-PTTL90 SHARP-LH28F800BJHB-PTTL90 Datasheet
680Kb / 47P
   8M (x8/x16) Flash Memory
LH28F800BJE-PBTL70 SHARP-LH28F800BJE-PBTL70 Datasheet
678Kb / 47P
   8M (x8/x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com