Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HCP11A1CFN3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC68HCP11A1CFN3
Description  HCMOS Single-Chip Microcontroller
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HCP11A1CFN3 Datasheet(HTML) 3 Page - Motorola, Inc

  MC68HCP11A1CFN3 Datasheet HTML 1Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 2Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 3Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 4Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 5Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 6Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 7Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 8Page - Motorola, Inc MC68HCP11A1CFN3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 158 page
background image
MC68HC11A8
MOTOROLA
TECHNICAL DATA
iii
TABLE OF CONTENTS
Paragraph
Page
Number
Title
Number
1 INTRODUCTION
1.1
Features .................................................................................................... 1-1
1.1.1
Hardware Features ............................................................................ 1-1
1.1.2
Software Features ............................................................................. 1-1
1.2
General Description ................................................................................... 1-1
1.3
Programmer’s Model ................................................................................. 1-2
1.4
Summary of M68HC11 Family .................................................................. 1-3
2 SIGNAL DESCRIPTIONS AND OPERATING MODES
2.1
Signal Pin Descriptions ............................................................................. 2-1
2.1.1
Input Power (VDD) and Ground (VSS) ................................................2-1
2.1.2
Reset (RESET) .................................................................................. 2-1
2.1.3
Crystal Driver and External Clock Input (XTAL, EXTAL) ................... 2-1
2.1.4
E Clock Output (E) ............................................................................ 2-3
2.1.5
Interrupt Request (IRQ) ..................................................................... 2-3
2.1.6
Non-Maskable Interrupt (XIRQ) ......................................................... 2-3
2.1.7
Mode A/Load Instruction Register and Mode B/Standby Voltage (MODA/
LIR, MODB/VSTBY) 2-3
2.1.8
A/D Converter Reference Voltages (VRL, VRH) .................................2-4
2.1.9
Strobe B and Read/Write (STRB/R/W) ............................................. 2-4
2.1.10
Strobe A and Address Strobe (STRA/AS) ......................................... 2-4
2.1.11
Port Signals ....................................................................................... 2-4
2.1.11.1
Port A ........................................................................................ 2-5
2.1.11.2
Port B ........................................................................................ 2-5
2.1.11.3
Port C ........................................................................................ 2-5
2.1.11.4
Port D ........................................................................................ 2-5
2.1.11.5
Port E ........................................................................................ 2-6
2.2
Operating Modes ....................................................................................... 2-6
2.2.1
Single-Chip Operating Mode ............................................................. 2-6
2.2.2
Expanded Multiplexed Operating Mode ............................................ 2-6
2.2.3
Special Bootstrap Operating Mode ................................................... 2-8
2.2.4
Additional Boot Loader Program Options ........................................ 2-10
2.2.5
Special Test Operating Mode .......................................................... 2-10
3 ON-CHIP MEMORY
3.1
Memory Maps ............................................................................................ 3-1
3.2
RAM and I/O Mapping Register (INIT) ...................................................... 3-4
3.3
ROM .......................................................................................................... 3-5
3.4
RAM .......................................................................................................... 3-5
3.5
EEPROM ................................................................................................... 3-5
3.5.1
EEPROM Programming Control Register (PPROG) ......................... 3-6


Similar Part No. - MC68HCP11A1CFN3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HCP11A1FN MOTOROLA-MC68HCP11A1FN Datasheet
286Kb / 45P
   8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HCP11A1FN FREESCALE-MC68HCP11A1FN Datasheet
3Mb / 52P
   8-Bit Microcontrollers
logo
NXP Semiconductors
MC68HCP11A1FN NXP-MC68HCP11A1FN Datasheet
3Mb / 52P
   8-Bit Microcontroller
logo
Motorola, Inc
MC68HCP11A1MFN MOTOROLA-MC68HCP11A1MFN Datasheet
286Kb / 45P
   8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HCP11A1MFN FREESCALE-MC68HCP11A1MFN Datasheet
3Mb / 52P
   8-Bit Microcontrollers
More results

Similar Description - MC68HCP11A1CFN3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05BD3 MOTOROLA-MC68HC05BD3 Datasheet
864Kb / 112P
   HCMOS microcontroller
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com