Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD1711 Datasheet(PDF) 9 Page - Supertex, Inc

Part # MD1711
Description  HIGH SPEED INTEGRATED ULTRASOUND DRIVER IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1711 Datasheet(HTML) 9 Page - Supertex, Inc

  MD1711 Datasheet HTML 1Page - Supertex, Inc MD1711 Datasheet HTML 2Page - Supertex, Inc MD1711 Datasheet HTML 3Page - Supertex, Inc MD1711 Datasheet HTML 4Page - Supertex, Inc MD1711 Datasheet HTML 5Page - Supertex, Inc MD1711 Datasheet HTML 6Page - Supertex, Inc MD1711 Datasheet HTML 7Page - Supertex, Inc MD1711 Datasheet HTML 8Page - Supertex, Inc MD1711 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MD1711
NR012505
9
Pin Configuration
48-Lead LQFP
Pin
Function
Pin
Function
1
POSA/POS1A
25
DVDD2
2
NEGA/NEG1A
26
DGND
3
HVEN1A/POS2A
27
Out-NB2
4
HVEN2A/NEG2A
28
DVDD1
5
CLAMPA
29
Out-NB3
6
AVDD1
30
DGND
7
AGND
31
DVDD1
8
CLAMPB
32
Out-NA3
9
HVEN2B/NEG2B
33
DVDD1
10
HVEN1B/POS2B
34
Out-NA2
11
NEGB/NEG1B
35
DGND
12
POSB/POS1B
36
DVDD2
13
SEL
37
Out-NA1
14
AVSS
38
N/C
15
AVSS
39
Out-PA1
16
DVSS
40
DVDD2
17
Out-PB3
41
Out-PA2
18
DGND
42
DVDD1
19
DVDD1
43
DGND
20
Out-PB2
44
Out-PA3
21
DVDD2
45
DVSS
22
Out-PB1
46
VLL
23
N/C
47
EN
24
Out-NB1
48
AVSS
48-Lead LQFP
Top view
All dimensions are in millimeters
Doc. No. DSFP-MD1711
NR012505
7.00
9.00
9.00
7.00
1.50
0.22
0.50
1.00


Similar Part No. - MD1711

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711 Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711 Datasheet
585Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1711FG SUTEX-MD1711FG Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711FG-G SUTEX-MD1711FG-G Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1711FG-G SUTEX-MD1711FG-G Datasheet
585Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
More results

Similar Description - MD1711

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
MD1711 SUTEX-MD1711_14 Datasheet
585Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1712 SUTEX-MD1712 Datasheet
901Kb / 12P
   High Speed, Integrated Ultrasound Driver IC
MD1711 SUTEX-MD1711_07 Datasheet
472Kb / 10P
   High Speed, Integrated Ultrasound Driver IC
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
   Three Channel, Three Level, High Speed Ultrasound Driver IC
MD1715 SUTEX-MD1715 Datasheet
721Kb / 9P
   Two Channel, Five Level, High Speed Ultrasound Driver IC
logo
Microchip Technology
MD1716 MICROCHIP-MD1716 Datasheet
769Kb / 16P
   3-Channel 3-Level High-Speed Ultrasound Driver IC
02/28/20
logo
Supertex, Inc
MD2134 SUTEX-MD2134 Datasheet
760Kb / 9P
   High Speed Ultrasound Beamforming Source Driver
MD2131 SUTEX-MD2131 Datasheet
774Kb / 8P
   High Speed Ultrasound Beamforming Source Driver
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com