Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML101J18 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # ML101J18
Description  MITSUBISHI LASER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

ML101J18 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  ML101J18 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor ML101J18 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor ML101J18 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
( 1 / 3 )
As of Jun. ‘02
MITSUBISHI
ELECTRIC
ML1XX18 SERIES
MITSUBISHI LASER DIODES
FOR OPTICAL INFORMATION SYSTEMS
ML101J18, ML120G18
TYPE
NAME
DESCRIPTION
ML1XX18
is
a
high-power,
high-efficient
AlGaInP
semiconductor
laser
which
provides
a
stable,
single
transverse mode oscillation with emission wavelength of
658nm and standard pulse light output of 100mW.
ML1XX18 has a real-index-waveguide which improves the
slope efficiency (reduction of the operating current) and the
astigmatic distance.
Also, ML1XX18 has a window-mirror-facet which improves
the maximum output power. That leads to highly reliable and
high-power operation.
FEATURES
APPLICATION
•High Output Power: 100mW (Pulse)
• High Efficiency: 1.0W/A (typ.)
• Visible Light: 658nm (typ.)
• Low Astigmatic Distance: 1
µm (typ.)
Portable High-Density Optical Disc Drives
Re-Writable DVD Drives
ABSOLUTE MAXIMUM RATINGS (Note 1)
100
Pulse(Note 2)
°C
-40 ~ +100
-
Storage temperature
Tstg
°C
-10 ~ +70
-
Case temperature
Tc
V
2
-
Reverse voltage
VRL
mW
60
CW
Light output power
Po
Unit
Ratings
Conditions
Parameter
Symbol
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time.
This does not mean the guarantee of its lifetime. As for the reliability, please refer to the reliability report issued by
Quality Assurance Section, HF & Optical Semiconductor Division, Mitsubishi Electric Corporation.
Note2: TARGET SPEC /Condition Duty Cycle: less than 50%, pulse width: less than 100ns
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25
°°°°C)
°
22
19
17
CW, Po=50mW
Beam divergence angle
(perpendicular)
θ
°
12
9
7
CW, Po=50mW
Beam divergence angle
(parallel)
θ//
nm
662
658
654
CW, Po=50mW
Peak wavelength
λp
mW/mA
-
1.0
-
CW, Po=50mW
Slope efficiency
η
V
3.0
2.5
-
CW, Po=50mW
Operating voltage
Vop
mA
-
95
-
CW, Po=50mW
Operating current
Iop
mA
-
45
-
CW
Threshold current
Ith
Unit
Max
Typ.
Min.
Test conditions
Parameter
Symbol


Similar Part No. - ML101J18

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML101J10 MITSUBISHI-ML101J10 Datasheet
165Kb / 2P
   FOR OPTICAL INFORMATION SYSTEM
ML101J14 MITSUBISHI-ML101J14 Datasheet
68Kb / 5P
   FOR OPTICAL INFORMATION SYSTEM?
More results

Similar Description - ML101J18

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
ML7XX2 MITSUBISHI-ML7XX2 Datasheet
193Kb / 6P
   MITSUBISHI LASER DIODES
ML725B11F MITSUBISHI-ML725B11F Datasheet
173Kb / 4P
   MITSUBISHI LASER DIODES InGaAsP DFB LASER DIODES
ML7XX19 MITSUBISHI-ML7XX19 Datasheet
200Kb / 4P
   MITSUBISHI LASER DIODES 1310nm InGaAsP FP LASER DIODES
ML7XX16 MITSUBISHI-ML7XX16_02 Datasheet
131Kb / 3P
   MITSUBISHI LASER DIODES 2.5Gbps InGaAsP DFB LASER DIODE
ML101J25 MITSUBISHI-ML101J25 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J24 MITSUBISHI-ML101J24 Datasheet
30Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J26 MITSUBISHI-ML101J26 Datasheet
29Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML3101 MITSUBISHI-ML3101 Datasheet
229Kb / 7P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML1XX21 MITSUBISHI-ML1XX21 Datasheet
73Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
ML101J27 MITSUBISHI-ML101J27 Datasheet
26Kb / 3P
   MITSUBISHI LASER DIODES FOR OPTICAL INFORMATION SYSTEMS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com